Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 95 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 95 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 91Page - SMSC Corporation EMC2104 Datasheet HTML 92Page - SMSC Corporation EMC2104 Datasheet HTML 93Page - SMSC Corporation EMC2104 Datasheet HTML 94Page - SMSC Corporation EMC2104 Datasheet HTML 95Page - SMSC Corporation EMC2104 Datasheet HTML 96Page - SMSC Corporation EMC2104 Datasheet HTML 97Page - SMSC Corporation EMC2104 Datasheet HTML 98Page - SMSC Corporation EMC2104 Datasheet HTML 99Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
95
Revision 1.74 (05-08-08)
DATASHEET
B.3
Example #3
This example uses the RPM based Fan Speed Control Algorithm. The Spin Level (used by the Spin
Up Routine) should be changed to 50% drive for a total Spin Time of 1 second. For all other RPM
configuration settings, the default conditions are used.
For control inputs, it uses the External Diode 1 channel normally, the External Diode 2 channel
normally, and both Pushed Temperature registers in DTS format. The configuration is set as shown in
Table B.8 while Table B.9 shows how the table is loaded.
Note that when using DTS data, the USE_DTS_F1 and / or USE_DTS_F2 bits should be set. The
Pushed Temperature Registers are loaded with the normal DTS values as received by the processor.
When the DTS value is used by the Look Up Table, the value that is stored in the Pushed Temperature
Register is subtracted from a fixed temperature of 100°C. This resultant value is then compared
against the Look Up Table thresholds normally. When programming the Look Up Table, it is necessary
to take this translation into account else incorrect settings may be selected.
Table B.8 Look Up Table Example #3 Configuration
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
SETTING
42h
Fan 1
Configuration
1
EN_
ALGO
RANGE[1:0]
EDGES[1:0]
UPDATE[2:0]
CBh
110
0
1
0
1
1
46h
Fan 1 Spin
Up
Configuration
DRIVE_FAIL_CNT
1 [1:0]
NOKICK
1
SPIN_LVL[2:0]
SPINUP_TIME
[1:0]
0Ah
000
0
1
0
1
0
50h
LUT 1
Configuration
USE_D
TS_F1
USE_D
TS_F2
LUT_LO
CK
TACH /
DRIVE
TEMP3_CFG
[1:0]
TEMP4_CFG
[1:0]
EAh
111
0
1
0
1
0
Table B.9 Fan Speed Control Table Example #3
FAN
SPEED
STEP #
EXTERNAL DIODE
1 TEMPERATURE
(CPU)
EXTERNAL
DIODE 2
TEMPERATURE
(GPU)
PUSHED
TEMPERATURE
SETTING (DTS1)
PUSHED
TEMPERATURE
SETTING (DTS2)
TACH
TARGET
135oC65oC50oC40oC
3Dh
(1007 RPM)
240oC75oC55oC45oC
1Eh
(2048 RPM)
350oC85oC60oC50oC
14h
(3072 RPM)
460oC90oC65oC55oC
0Fh
(4096 RPM)
570oC95oC70oC60oC
0Ch
(5120 RPM)
680oC
100oC75oC65oC
0Ah
(6144 RPM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com