Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 61 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 61 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 57Page - SMSC Corporation EMC2104 Datasheet HTML 58Page - SMSC Corporation EMC2104 Datasheet HTML 59Page - SMSC Corporation EMC2104 Datasheet HTML 60Page - SMSC Corporation EMC2104 Datasheet HTML 61Page - SMSC Corporation EMC2104 Datasheet HTML 62Page - SMSC Corporation EMC2104 Datasheet HTML 63Page - SMSC Corporation EMC2104 Datasheet HTML 64Page - SMSC Corporation EMC2104 Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
61
Revision 1.74 (05-08-08)
DATASHEET
‘0’ (default) - The ALERT# pin will be not be asserted for any error condition associated with
Voltage Channel 4 (TRIP_SET / VIN4).
‘1’ - The ALERT# pin will be asserted for an error condition associated with Voltage Channel 4.
Bit 4 - EXT4_INT_EN - Allows the External Diode 4 channel to assert the ALERT# pin.
‘0’ (default) - The ALERT# pin will be not be asserted for any error condition associated with
External Diode 4.
‘1’ - The ALERT# pin will be asserted for an error condition associated with External Diode 4.
Bit 3 - EXT3_INT_EN - Allows the External Diode 3 or VIN3 channel to assert the ALERT# pin.
‘0’ (default) - The ALERT# pin will not be asserted for any error condition associated with External
Diode 3 or VIN3 channels.
‘1’ - The ALERT# pin will be asserted for an error condition associated with External Diode 3 or
VIN3 channels.
Bit 2 - EXT2_INT_EN - Allows the External Diode 2 or VIN2 channel to assert the ALERT# pin.
‘0’ (default) - The ALERT# pin will not be asserted for any error condition associated with External
Diode 2 or VIN2 channels.
‘1’ - The ALERT# pin will be asserted for an error condition associated with External Diode 2 or
VIN2 channels.
Bit 1 - EXT1_INT_EN - Allows the External Diode 1 or VIN1 channel to assert the ALERT# pin.
‘0’ (default) - The ALERT# pin will not be asserted for any error condition associated with External
Diode 1 or VIN1 channels.
‘1’ - The ALERT# pin will be asserted for an error condition associated with External Diode 1 or
VIN1 channels.
Bit 0 - INT_INT_EN - Allows the Internal Diode channel to assert the ALERT# pin.
‘0’ (default) - The ALERT# pin will not be asserted for any error condition associated with the
Internal Diode.
‘1’ - The ALERT# pin will be asserted for an error condition associated with the Internal Diode.
6.16
Fan Interrupt Enable Register
The Fan Interrupt Enable controls the masking for each Fan channel. When a channel is enabled, it
will cause the ALERT# pin to be asserted when an error condition is detected.
Bit 3 - SPIN_INT_EN2 - Allows the FAN_SPIN 2 bit to assert the ALERT# pin.
‘0’ (default) - the FAN_SPIN 2 bit will not assert the ALERT# pin though will still update the Status
Register normally
‘1’ - the FAN_SPIN2 bit will assert the ALERT# pin.
Bit 2 - STALL_INT_EN2 - Allows the FAN_STALL2 bit or DRIVE_FAIL2 bit to assert the ALERT# pin.
‘0’ (default) - the FAN_STALL2 bit or DRIVE_FAIL2 bit will not assert the ALERT# pin though it will
still update the Status Register normally.
Table 6.21 Fan Interrupt Enable Register
ADDR
R/W
REGISTER
B7B6B5B4
B3
B2
B1B0
DEFAULT
29h
R/W
Fan
Interrupt
Enable
----
SPIN_
INT_EN2
STALL_
INT_EN2
SPIN_
INT_EN
1
STALL_
INT_EN
1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com