Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 74 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 74 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 70Page - SMSC Corporation EMC2104 Datasheet HTML 71Page - SMSC Corporation EMC2104 Datasheet HTML 72Page - SMSC Corporation EMC2104 Datasheet HTML 73Page - SMSC Corporation EMC2104 Datasheet HTML 74Page - SMSC Corporation EMC2104 Datasheet HTML 75Page - SMSC Corporation EMC2104 Datasheet HTML 76Page - SMSC Corporation EMC2104 Datasheet HTML 77Page - SMSC Corporation EMC2104 Datasheet HTML 78Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
74
SMSC EMC2104
DATASHEET
If one of the algorithms is enabled then setting the TACH Target Register to FFh will disable the fan
driver (set the fan drive setting to 0%). Setting the TACH Target to any other value (from a setting of
FFh) will cause the algorithm to invoke the Spin Up Routine after which it will function normally.
The Tach Target is not applied until the high byte is written. Once the high byte is written, the current
value of both high and low bytes will be used as the next Tach target. 3
6.31
TACH Reading Registers
The TACH Reading Registers’ contents describe the current tachometer reading for each of the fan.
By default, the data represents the fan speed as the number of 32kHz clock periods that occur for a
single revolution of the fan.
Equation [3] shows the detailed conversion from TACH measurement (COUNT) to RPM while Equation
[4] shows the simplified translation of TACH Reading Register count to RPM assuming a 2-pole fan,
measuring 5 edges, with a frequency of 32.768kHz.
Whenever the high byte register is read, the corresponding low byte data will be loaded to internal
shadow registers so that when the low byte is read, the data will always coincide with the previously
read high byte.
Table 6.46 TACH Reading Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
4Eh
R
Fan 1 TACH
4096
2048
1024
512
256
128
64
32
FFh
4Fh
R
Fan 1 TACH
Low Byte
16
84
21
-
-
-
F8h
8Eh
R
Fan 2 TACH
4096
2048
1024
512
256
128
64
32
FFh
8Fh
R
Fan 2 TACH
Low Byte
16
84
21
-
-
-
F8h
where:
[3]
poles = number of poles of the fan
(typically 2)
fTACH = the tachometer
measurement frequency (typically
32.768kHz)
n = number of edges measured
(typically 5 for a 2 pole fan)
m = the multiplier defined by the
RANGe bits
[4]
COUNT = TACH Reading Register
value (in decimal)
RPM
1
poles
()
--------------------
n
1
()
COUNT
1
m
-----
×
----------------------------------
f
TACH
60
×
×
×
=
RPM
3,932,160
m
×
COUNT
--------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com