Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 86 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 86 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 82Page - SMSC Corporation EMC2104 Datasheet HTML 83Page - SMSC Corporation EMC2104 Datasheet HTML 84Page - SMSC Corporation EMC2104 Datasheet HTML 85Page - SMSC Corporation EMC2104 Datasheet HTML 86Page - SMSC Corporation EMC2104 Datasheet HTML 87Page - SMSC Corporation EMC2104 Datasheet HTML 88Page - SMSC Corporation EMC2104 Datasheet HTML 89Page - SMSC Corporation EMC2104 Datasheet HTML 90Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
86
SMSC EMC2104
DATASHEET
Appendix A Thermistors
The EMC2104 can monitor thermistor inputs on the TRIP_SET / VIN4 as well as supporting a
thermistor option on the all of the external diode pins pairs (DP1 / VREF_T1 and DN1 / VIN1,etc.).
The Thermistors can be connected as shown in Figure A.1.
Figure A.1 is representative of one of the thermistor channels and will apply to DP1 / VREF_T1 and
DN1 / VIN1, DP2 / VREF_T2 and DN2 / VIN2.
The top side resistor is internally integrated in the case of the TRIP_SET / VIN4 channel and the VREF
voltage will not be brought out externally. The Thermistor should be connected in the same way as
RSET.
The relationship between voltage and temperature is roughly linear. the measured voltage by the
EMC2104 will be inversely proportional to temperature .
Linearization methods can only accurately capture the temperature over a limited window of
temperatures.
For a 10k Ohm type 3370 Thermistor and a 1.2k ohm ±1% setting resistor, the output response
corresponding to a thermistor is tabulated in Table A.1.
If the INV_VINx bit is set then the results of the circuit (configured as shown in Figure A.1) is shown
in Table A.2.
The EMC2104 does not perform any numerical calculations on the thermistor value if a thermistor is
monitored on TRIP_SET / VIN4 pin. If the External Diode 1, External Diode 2, or External Diode 3
channels are configured to measure a thermistor, it must be configured as shown in Figure A.1.
When measuring a thermistor input with Fan Control Look Up Table, care must be taken that the
temperature thresholds are entered as a unsigned voltage number that corresponds to the desired
thermal threshold. Also note that the LUT assumes that the VIN1 and TRIP_SET / VIN4 voltage inputs
are directly proportional to temperature.
Figure A.1 “Low Side” Thermistor Connection
10K 1%
Thermistor
DP3 / DN4 / VREF_T3
DN3 / DP4 / VIN3
1.2K
1%
0.1uF
EMC2104/5/6
ADC
Buffer
Reference
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com