Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 51 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 51 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 47Page - SMSC Corporation EMC2104 Datasheet HTML 48Page - SMSC Corporation EMC2104 Datasheet HTML 49Page - SMSC Corporation EMC2104 Datasheet HTML 50Page - SMSC Corporation EMC2104 Datasheet HTML 51Page - SMSC Corporation EMC2104 Datasheet HTML 52Page - SMSC Corporation EMC2104 Datasheet HTML 53Page - SMSC Corporation EMC2104 Datasheet HTML 54Page - SMSC Corporation EMC2104 Datasheet HTML 55Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
51
Revision 1.74 (05-08-08)
DATASHEET
6.3
Critical/Thermal Shutdown Temperature Registers
The Critical/Thermal Shutdown Temperature Register is a read-only register that stores the Voltage
Programmable Threshold temperature used in the Thermal / Critical Shutdown circuitry. The contents
of the register reflect the calculated temperature based on the TRIP_SET voltage. This register is
updated at the end of every monitoring cycle based on the current value of the TRIP_SET voltage.
The data format is shown in Table 6.5.
Table 6.3 Temperature Data Format
TEMPERATURE (°C)
BINARY
HEX (AS READ BY
REGISTERS)
Diode Fault
1000_0000_000b
80_00h
-63.875
1100_0000_001b
C0_20h
-63
1100_0001_000b
C1_00h
-1
1111_1111_000b
FF_00h
-0.125
1111_1111_111b
FF_E0h
0
0000_0000_000b
00_00h
0.125
0000_0000_001b
00_20h
1
0000_0001_000b
01_00h
63
0011_1111_000b
3F_00h
64
0100_0000_000b
40_00h
65
0100_0001_000b
41_00h
127
0111_1111_000b
7F_00h
127.875
0111_1111_111b
7F_E0h
Table 6.4 Critical/Thermal Shutdown Temperature Registers
ADDR
R/W
REGISTER
B7B6B5B4B3B2B1B0
DEFAULT
0Ah
R
Critical/Thermal
Shutdown
Temperature
128
64
32
16
8
4
2
1
7Fh
(+127°C)
Table 6.5 Critical / Thermal Shutdown Data Format
TEMPERATURE (°C)
BINARY
HEX
0
0000_0000b
00h
1
0000_0001b
01h
63
0011_1111b
3Fh
64
0100_0000b
40h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com