Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 22 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 22 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 18Page - SMSC Corporation EMC2104 Datasheet HTML 19Page - SMSC Corporation EMC2104 Datasheet HTML 20Page - SMSC Corporation EMC2104 Datasheet HTML 21Page - SMSC Corporation EMC2104 Datasheet HTML 22Page - SMSC Corporation EMC2104 Datasheet HTML 23Page - SMSC Corporation EMC2104 Datasheet HTML 24Page - SMSC Corporation EMC2104 Datasheet HTML 25Page - SMSC Corporation EMC2104 Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
22
SMSC EMC2104
DATASHEET
5.1
Critical/Thermal Shutdown
The EMC2104 provides a hardware Critical/Thermal Shutdown function for systems. Figure 5.2 is a
block diagram of this Critical/Thermal Shutdown function. The Critical/Thermal Shutdown function in
the EMC2104 accepts configuration information from the fixed states of the SHDN_SEL pin as
described in Section 5.1.1.
Each of the software programmed temperature limits can be optionally configured to act as inputs to
the Critical / Thermal Shutdown independent of the hardware shutdown operation. When configured to
operate this way, the SYS_SHDN# pin will be asserted when the temperature meets or exceeds the
limit. The pin will be released when the temperature drops below the limit however the individual status
bits will not be cleared if set (see Section 6.13).
The analog portion of the Critical/Thermal Shutdown function monitors the hardware determined
temperature channel (see Section 5.1.1). This measured temperature is then compared with
TRIP_SET point. This TRIP_SET point is set by the system designer with a single external resistor
divider as described in Section 5.1.2.
The SYS_SHDN# is asserted when the indicated temperature exceeds the temperature threshold
established by the TRIP_SET input pin for a number of consecutive measurements defined by the fault
queue. If the HW_SHDN output is asserted and the temperature drops below the Thermal / Critical
Shutdown threshold then it will be set to a logic ‘0’ state.
Figure 5.2 EMC2104 Critical/Thermal Shutdown Block Diagram
Voltage
Conversion
SYS_SHDN#
TRIP_SET
External Diode 1
Critical Shutdown Logic
SMBus Traffic
SW_SHDN
Configuration
Register
VREF
SHDN_SEL
PIN Decode
‘1’
Temperature
Conversion
Register Enabled
Sensor
Register Enabled
Sensor
Register Enabled
Sensor
Register Enabled
Sensor
0
1
Internal Diode
Channel
HW_SHDN
Temperature
Conversion
and Limit
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com