Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 11 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 11 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 7Page - SMSC Corporation EMC2104 Datasheet HTML 8Page - SMSC Corporation EMC2104 Datasheet HTML 9Page - SMSC Corporation EMC2104 Datasheet HTML 10Page - SMSC Corporation EMC2104 Datasheet HTML 11Page - SMSC Corporation EMC2104 Datasheet HTML 12Page - SMSC Corporation EMC2104 Datasheet HTML 13Page - SMSC Corporation EMC2104 Datasheet HTML 14Page - SMSC Corporation EMC2104 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
11
Revision 1.74 (05-08-08)
DATASHEET
Table 2.1 Pin Description for EMC2104
PIN NUMBER
EMC2104
PIN NAME
PIN FUNCTION
PIN TYPE
1
DN1 / VIN1
DN1 - Negative (cathode) analog input for
External Diode 1 (default)
AIO (2V)
VIN1 - General voltage input for use with
a thermistor
AI (2V)
2
DP1 / VREF_T1
DP1 - Positive (anode) analog input for
External Diode 1 (default)
AIO (2V)
VREF_T1 - Reference output for use with
a thermistor and to drive VIN1
AO (2V)
3
GND
Ground connection
Power
4
VDD
Power Supply
Power
5ALERT#
Active low interrupt - requires external
pull-up resistor.
OD (5V)
6
CLK_IN / GPIO1
CLK_IN - 32.768KHz clock input.
DI (5V)
GPI1 - General Purpose Input
(default)
DI (5V)
GPO1 - General Purpose push/ pull
Output
DI (5V)
GPO1 - General Purpose open drain
Output.
DI (5V)
7
SYS_SHDN#
Active low Critical System Shutdown
output
OD (5V)
8SMDATA
SMBus data input/output - requires
external pull-up resistor
DIOD (5V)
9SMCLK
SMBus clock input - requires external
pull-up resistor
DIOD (5V)
10
PWM2 / GPIO3
PWM2 - Open Drain PWM drive output for
Fan 2 (default)
OD (5V)
PWM2 - Push-Pull PWM drive output for
Fan 2
DO
GPI3 - General Purpose Input
(software programmed)
DI (5V)
GPO3 - General Purpose push-pull
Output
DO
GPO3 - General Purpose open drain
Output
OD (5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com