Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 63 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 63 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 59Page - SMSC Corporation EMC2104 Datasheet HTML 60Page - SMSC Corporation EMC2104 Datasheet HTML 61Page - SMSC Corporation EMC2104 Datasheet HTML 62Page - SMSC Corporation EMC2104 Datasheet HTML 63Page - SMSC Corporation EMC2104 Datasheet HTML 64Page - SMSC Corporation EMC2104 Datasheet HTML 65Page - SMSC Corporation EMC2104 Datasheet HTML 66Page - SMSC Corporation EMC2104 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
63
Revision 1.74 (05-08-08)
DATASHEET
6.19
Limit Registers
The EMC2104 contains high limits for all temperature channels and voltage channels. If any
measurement meets or exceeds the high limit then the appropriate status bit is set and the ALERT#
pin are asserted (if enabled).
Table 6.24 PWM_BASEx[1:0] Bit Decode
PWM_BASEX[1:0]
BASE FREQUENCY
10
0
0
26.00kHz
0
1
19.531kHz
1
0
4,882Hz
1
1
2,441Hz (default)
Table 6.25 Limit Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
30h
R/W
External Diode
1 High Limit
Sign
64
32
16
8
4
2
1
55h
(+85°C)
31h
R/W
External Diode
2 High Limit
Sign
64
32
16
8
4
2
1
55h
(+85°C)
32h
R/W
External Diode
3 High Limit
Sign
64
32
16
8
4
2
1
55h
(+85°C)
33h
R/W
External Diode
4 High Limit
Sign
64
32
16
8
4
2
1
55h
(+85°C)
34h
R/W
Internal Diode
High Limit
Sign
64
32
16
8
4
2
1
55h
(+85°C)
35h
R/W
VIN4 High
Limit
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
FFh
(0.8V)
38h
R/W
External Diode
1 Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
39h
R/W
External Diode
2 Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
3Ah
R/W
External Diode
3 Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
3Bh
R/W
External Diode
4 Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
3Ch
R/W
Internal Diode
Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
3Dh
R/W
VIN 4 Low
Limit
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
00h
(0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com