Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 78 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 78 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 74Page - SMSC Corporation EMC2104 Datasheet HTML 75Page - SMSC Corporation EMC2104 Datasheet HTML 76Page - SMSC Corporation EMC2104 Datasheet HTML 77Page - SMSC Corporation EMC2104 Datasheet HTML 78Page - SMSC Corporation EMC2104 Datasheet HTML 79Page - SMSC Corporation EMC2104 Datasheet HTML 80Page - SMSC Corporation EMC2104 Datasheet HTML 81Page - SMSC Corporation EMC2104 Datasheet HTML 82Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
78
SMSC EMC2104
DATASHEET
Each temperature (or voltage) channel threshold shares the same hysteresis value. When the
measured temperature for any of the channels meets or exceeds the programmed threshold, the drive
setting associated with that threshold is used. The temperature must drop below the threshold minus
the hysteresis value before the drive setting will be set to the previous value.
APPLICATION NOTE: For proper operation, the hysteresis must be smaller than the difference between two
consecutive thresholds.
If the RPM based Fan Speed Control Algorithm is used, the TACH Target is updated after every
conversion. It is always set to the minimum TACH Target that is stored by the Look Up Table. The fan
drive setting cycle is updated based on the RPM based Fan Speed Control Algorithm configuration
settings.
If the RPM based Fan Speed Control Algorithm is not used, then the fan drive setting is updated after
every conversion. It is set to the maximum duty cycle that is stored by the Look Up Table.
6.34
Look Up Table 2 Registers
Table 6.51 Look Up Table2 Registers
ADDR
R/W
REGISTER
TACH /
DRIVE
B7B6
B5B4B3B2B1B0
DEFAULT
91h
R/W
LUT 2 Drive
Setting 1
‘0’
4096
2048
1024
512
256
128
64
32
FBh
‘1’
128
64
32
16
8
4
2
1
FBh
92h
R/W
LUT 2 Ext
Diode 1
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT2 VIN1
Setting 1
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
93h
R/W
LUT 2 Ext
Diode 2
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT2 VIN2
Setting 1
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
94h
R/W
LUT 2 Temp
3 Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT2 Voltage
3 Setting 1
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
95h
R/W
LUT2 Temp 4
Setting 1
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
...
...
...
...
...
...
...
...
...
...
...
...
...
B4h
R/W
LUT 2 Drive
Setting 8
‘0’
4096
2048
1024
512
256
128
64
32
92h
‘1’
128
64
32
16
8
4
2
1
B5h
R/W
LUT 2 Ext
Diode 1
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT2 VIN1
Setting 8
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com