Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 94 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 94 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 90Page - SMSC Corporation EMC2104 Datasheet HTML 91Page - SMSC Corporation EMC2104 Datasheet HTML 92Page - SMSC Corporation EMC2104 Datasheet HTML 93Page - SMSC Corporation EMC2104 Datasheet HTML 94Page - SMSC Corporation EMC2104 Datasheet HTML 95Page - SMSC Corporation EMC2104 Datasheet HTML 96Page - SMSC Corporation EMC2104 Datasheet HTML 97Page - SMSC Corporation EMC2104 Datasheet HTML 98Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
94
SMSC EMC2104
DATASHEET
Note: The values shown in Table B.6 are example settings. All the cells in the look-up table are
programmable via SMBus.
680oC
278.125mV
(70°C)
55oC65oC
0Ah
(6144 RPM)
790oC
306.25mV
(75°C)
60oC70oC
09h
(6826 RPM)
8100oC
334.375mV
(80°C)
65oC75oC
08h
(7680 RPM)
Table B.7 Fan Speed Determination for Example #2 (using settings in Table B.6)
EXTERNAL
DIODE 1
TEMPERATURE
(CPU)
THERMISTOR 2
VOLTAGE
READING
PUSHED
TEMPERATURE
INTERNAL DIODE
TEMPERATURE
(AMBIENT)
FAN DRIVE
SETTING RESULT
Example 1:
75°C
140.375mV
48°C
58°C
0Ch (5120RPM) -
CPU requires highest
target
Example 2:
75°C
310mV
58°C
58°C
09h (6826 RPM)
Thermistor requires
highest target
Example 3:
75°C
235.125mV
62°C
58°C
09h (6826 RPM)
Pushed Temperature
requires highest
target
Table B.6 Fan Speed Control Table Example #2 (continued)
FAN
SPEED
STEP #
EXTERNAL DIODE
1 TEMPERATURE
(CPU)
THERMISTOR 2
VOLTAGE
READING
PUSHED
TEMPERATURE
SETTING
INTERNAL DIODE
TEMPERATURE
(AMBIENT)
TACH
TARGET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com