Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 57 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 57 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 53Page - SMSC Corporation EMC2104 Datasheet HTML 54Page - SMSC Corporation EMC2104 Datasheet HTML 55Page - SMSC Corporation EMC2104 Datasheet HTML 56Page - SMSC Corporation EMC2104 Datasheet HTML 57Page - SMSC Corporation EMC2104 Datasheet HTML 58Page - SMSC Corporation EMC2104 Datasheet HTML 59Page - SMSC Corporation EMC2104 Datasheet HTML 60Page - SMSC Corporation EMC2104 Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
57
Revision 1.74 (05-08-08)
DATASHEET
The Critical / Thermal Shutdown temperature has a separate fault queue that applies to the selected
hardware shutdown channel (see Section 6.1.1) when compared against the threshold set by the
TRIP_SET pin.
APPLICATION NOTE: If the fault queue for any channel is currently active (i.e. an out of limit condition has been
detected and caused the fault queue to increment) then changing the settings will not take
effect until the fault queue is zeroed. This occurs by the ALERT# pin asserting or the out of
limit condition being removed.
Bit 1 - 0 - CONV[1:0] - determines the conversion rate of the temperature monitoring. This conversion
rate does not affect the fan driver. The supply current from VDD_3V is nominally dependent upon the
conversion rate and the average current will increase as the conversion rate increases.
6.11
Configuration 3 Register
The Configuration 3 Register controls the four voltage input channels. This register is software locked.
Bit 6 - VIN4_INV - Determines whether the VIN4 channel data is inverted.
‘0’ (default) - The VIN4 channel data is not inverted.
Table 6.14 Fault Queue
QUEUE[1:0]
NUMBER OF CONSECUTIVE OUT OF LIMIT CONDITIONS
10
0
0
1 (disabled)
01
2
10
3
1
1
4 (default)
Table 6.15 Conversion Rate
CONV[1:0]
CONVERSION RATE
TEMPERATURE OVER SAMPLING
FROM 11 BITS
1
0
DYN_DIS = ‘0’
DYN_DIS = ‘1’
0
0
1 / sec
x8
x1
0
1
2 / sec
x4
x1
1
0
4 / sec (default)
x2
x1
1
1
Continuous
x1
x1
Table 6.16 Configuration 3 Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
22h
R/W
Config 3
-
VIN4_I
NV
VIN3
_EN
VIN3
_INV
VIN2
_EN
VIN2
_INV
VIN1
_EN
VIN1
_INV
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com