Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 52 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 52 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 48Page - SMSC Corporation EMC2104 Datasheet HTML 49Page - SMSC Corporation EMC2104 Datasheet HTML 50Page - SMSC Corporation EMC2104 Datasheet HTML 51Page - SMSC Corporation EMC2104 Datasheet HTML 52Page - SMSC Corporation EMC2104 Datasheet HTML 53Page - SMSC Corporation EMC2104 Datasheet HTML 54Page - SMSC Corporation EMC2104 Datasheet HTML 55Page - SMSC Corporation EMC2104 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
52
SMSC EMC2104
DATASHEET
6.4
Pushed Temperature Registers
The Pushed Temperature Registers store user programmed temperature values that can be used by
the look-up table to update the fan control algorithm. Data written in these registers is not compared
against any limits and must match the data format shown in Table 6.3.
6.5
Voltage Registers
The Voltage Registers hold the data read from the TRIP_SET voltage input. The TRIP_SET voltage is
stored whether the TRIP_SET is used to set the Thermal / Critical Shutdown temperature or configured
to act as the VIN4 input.
Each bit weight represents mV of resolution so that the final voltage can be determined by adding the
appropriately set bits together.
65
0100_0001b
41h
127
0111_1111b
7Fh
130
1000_0010b
82h
150
1001_0110b
96h
Table 6.6 Pushed Temperature Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Ch
R/W
Pushed
Temperature 1
Sign
64
32
16
8
4
2
1
00h
0Dh
R/W
Pushed
Temperature 2
Sign
64
32
16
8
4
2
1
00h
0Eh
R/W
Pushed
Temperature 3
Sign
64
32
16
8
4
2
1
00h
0Fh
R/W
Pushed
Temperature 4
Sign
64
32
16
8
4
2
1
00h
Table 6.7 TripSet Voltage Register
ADDR
R/W
REGISTER
B7B6B5B4B3B2B1B0
DEFAULT
10h
R
TRIP_SET
Voltage / VIN4
Voltage
400
200
100
50
25
13.5
6.25
3.125
FFh
Table 6.5 Critical / Thermal Shutdown Data Format (continued)
TEMPERATURE (°C)
BINARY
HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com