Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 67 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 67 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 63Page - SMSC Corporation EMC2104 Datasheet HTML 64Page - SMSC Corporation EMC2104 Datasheet HTML 65Page - SMSC Corporation EMC2104 Datasheet HTML 66Page - SMSC Corporation EMC2104 Datasheet HTML 67Page - SMSC Corporation EMC2104 Datasheet HTML 68Page - SMSC Corporation EMC2104 Datasheet HTML 69Page - SMSC Corporation EMC2104 Datasheet HTML 70Page - SMSC Corporation EMC2104 Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
67
Revision 1.74 (05-08-08)
DATASHEET
6.23
Fan Configuration 2 Registers
The Fan Configuration 2 Register controls the tachometer measurement and advanced features of the
RPM based Fan Speed Control Algorithm.
Bit 6 - EN_RRCx - Enables ramp rate control when the corresponding fan driver is operated in the
Direct Setting Mode or the Direct Setting with LUT mode.
‘0’ (default) - Ramp rate control is disabled. When the fan driver is operating in Direct Setting mode
or Direct Setting with LUT mode, the fan setting will instantly transition to the next programmed
setting.
‘1’ - Ramp rate control is enabled. When the fan driver is operating in Direct Setting mode or Direct
Setting with LUT mode, the fan drive setting will follow the ramp rate controls as determined by the
Fan Step and Update Time settings. The maximum fan drive setting step is capped at the Fan Step
setting and is updated based on the Update Time as given by Table 6.31.
Bit 5 - GLITCH_ENx - Disables the low pass glitch filter that removes high frequency noise injected
on the TACHx pin. If the LOWDRIVE bit is set, this bit is ignored and the filter is automatically disabled.
‘0’ - The glitch filter is disabled.
‘1’ (default) - The glitch filter is enabled.
Bits 4 - 3 - DER_OPTx[1:0] - Control some of the advanced options that affect the derivative portion
of the RPM based Fan Speed Control Algorithm as shown in Table 6.33.
Table 6.32 Fan Configuration 1 Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
43h
R/W
Fan 1
Configuration
2
-
EN_
RRC1
GLITCH
_EN1
DER_OPT1 [1:0]
ERR_RNG[1:0]
LOWD
RIVE1
38h
83h
R/W
Fan 2
Configuration
2
-
EN_
RRC2
GLITCH
_EN2
DER_OPT2 [1:0]
ERR_RNG[1:0]
LOWD
RIVE2
38h
Table 6.33 Derivative Options
DER_OPTX[1:0]
OPERATION
10
0
0
No derivative options used
01
Basic derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive Register setting (in
addition to proportional and integral terms)
10
Step derivative. The derivative of the error from
the current drive setting and the target is added
to the iterative Fan Drive Register setting and is
not capped by the Fan Step Register.
11
Both the basic derivative and the step derivative
are used effectively causing the derivative term to
have double the effect of the derivative term
(default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com