Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 79 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 79 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 75Page - SMSC Corporation EMC2104 Datasheet HTML 76Page - SMSC Corporation EMC2104 Datasheet HTML 77Page - SMSC Corporation EMC2104 Datasheet HTML 78Page - SMSC Corporation EMC2104 Datasheet HTML 79Page - SMSC Corporation EMC2104 Datasheet HTML 80Page - SMSC Corporation EMC2104 Datasheet HTML 81Page - SMSC Corporation EMC2104 Datasheet HTML 82Page - SMSC Corporation EMC2104 Datasheet HTML 83Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
79
Revision 1.74 (05-08-08)
DATASHEET
The Look Up Table 2 Registers hold the 40 entries of the Look Up Table that controls the drive of Fan
2. As the temperature (or voltage) channels are updated, the measured temperature for each channel
is compared against the respective entries in the Look Up Table and the associated drive setting is
loaded into an internal shadow register and stored.
6.35
Muxed Pin Configuration Register
The Muxed Pin Configuration Register controls the pin function for all of the multiple function GPIO
pins.
Bit 2 - GPIO3_CFG - Determines the pin function for the PWM2 / GPIO3 pin as well as the DAC2 pin.
‘0’ (default) - The PWM2/ GPIO3 pin functions as a PWM output for the 2nd the RPM based Fan
Speed Control Algorithm (FSC).
‘1’ - The PWM2 / GPIO3 pin functions as a GPIO. The 2nd RPM based Fan Speed Control
Algorithm will be disabled. All PWM2 controls will be ignored though are still writable via the
SMBus.
Bit 1 - GPIO2_CFG - Determines the pin functions for the TACH2 / GPIO2 pin.
‘0’ (default) - The TACH2 / GPIO2 pin functions as a tachometer input for the 2nd the RPM based
Fan Speed Control Algorithm (FSC).
‘1’ - The TACH2 / GPIO2 pin functions as a GPIO. When set, the EN_ALGO2 bit will automatically
be set to ‘0’ and cannot be set.
Bit 0 - GPIO1_CFG - Determines the pin function for the CLK_IN / GPIO1 pin.
‘0’ - The CLK_IN / GPIO1 pin functions as a clock input for the RPM based Fan Speed Control
Algorithm (FSC).
‘1’ (default) - The CLK_IN / GPIO1 pin functions as a GPIO.
B6h
R/W
LUT 2 Ext
Diode 2
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT2 VIN2
Setting 8
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
B7h
R/W
LUT 2 Temp
3 Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
LUT2 Voltage
3 Setting 8
X
752.9
376.5
188.2
94.12
47.06
23.53
11.76
5.88
7Fh
(0.4V)
B8h
R/W
LUT2 Temp 4
Setting 8
X
-
64
32
16
8
4
2
1
7Fh
(127°C)
B9h
R/W
LUT 2 Temp
Hysteresis
X
-
-
-
16
84
21
0Ah
Table 6.52 Muxed Pin Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E0h
R/W
Muxed Pin
Config
--
-
-
-
GPIO3
_CFG
GPIO2
_CFG
GPIO1
_CFG
01h
Table 6.51 Look Up Table2 Registers (continued)
ADDR
R/W
REGISTER
TACH /
DRIVE
B7B6
B5B4B3B2B1B0
DEFAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com