Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 15 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 15 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 11Page - SMSC Corporation EMC2104 Datasheet HTML 12Page - SMSC Corporation EMC2104 Datasheet HTML 13Page - SMSC Corporation EMC2104 Datasheet HTML 14Page - SMSC Corporation EMC2104 Datasheet HTML 15Page - SMSC Corporation EMC2104 Datasheet HTML 16Page - SMSC Corporation EMC2104 Datasheet HTML 17Page - SMSC Corporation EMC2104 Datasheet HTML 18Page - SMSC Corporation EMC2104 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
15
Revision 1.74 (05-08-08)
DATASHEET
Supply Current from
VDD_5V
IDD_5
100
uA
Fan Driver enabled, No load
current
External Temperature Monitors
Temperature
Accuracy
±0.25
±1
°C
60°C < TDIODE < 110°C
30°C < TDIE < 85°C
±0.5
±2
°C
0°C < TDIODE < 125°C,
0°C < TDIE < 115°C
Temperature
Resolution
0.125
°C
Diode decoupling
capacitor
CFILTER
2200
2700
pF
Connected across external
diode, CPU, GPU, or AMD diode
Resistance Error
Corrected
RSERIES
100
Ohm
Sum of series resistance in both
DP and DN lines
Internal Temperature Monitor
Temperature
Accuracy
TDIE
±1
±2
°C
Temperature
Resolution
0.125
°C
Voltage Measurement
Total Unadjusted
Error
TUE
1
%
Measured at 3/4 full scale
Reference Voltage
VREF
800
mV
Reference Accuracy
ΔV
REF
1%
PWM Fan Driver
PWM Resolution
PWM
256
Steps
PWM Duty Cycle
DUTY
0
100
%
RPM Based Fan Controller
Tachometer Range
TACH
480
16000
RPM
Tachometer Setting
Accuracy
Δ
TACH
±1
±2
%
External oscillator 32.768kHz
Δ
TACH
±2.5
±5
%
Internal Oscillator
40°C < TDIE < 100°C
Digital I/O pins
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Table 3.2 Electrical Specifications (continued)
VDD = 3V to 3.6V, VDD_5V = 4.5V to 5.5V, TA = -40°C to 85°C, all Typical values at TA = 27°C unless otherwise
noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com