Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 71 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 71 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 67Page - SMSC Corporation EMC2104 Datasheet HTML 68Page - SMSC Corporation EMC2104 Datasheet HTML 69Page - SMSC Corporation EMC2104 Datasheet HTML 70Page - SMSC Corporation EMC2104 Datasheet HTML 71Page - SMSC Corporation EMC2104 Datasheet HTML 72Page - SMSC Corporation EMC2104 Datasheet HTML 73Page - SMSC Corporation EMC2104 Datasheet HTML 74Page - SMSC Corporation EMC2104 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
71
Revision 1.74 (05-08-08)
DATASHEET
6.26
Fan Step Registers
The Fan Step Registers, along with the Update Time, controls the ramp rate of the fan driver response
calculated by the RPM based Fan Speed Control Algorithm. The value of the registers represents the
maximum step size each fan driver will take between update times (see Section 6.22).
When the FSC algorithm is enabled, Ramp Rate control is automatically used. When the FSC is not
active, then Ramp Rate control can be enabled by asserting the EN_RRC bit (see Section 6.23)
APPLICATION NOTE: The UPDATE bits and Fan Step Register settings operate independently of the RPM based
Fan Speed Control Algorithm and will always limit the fan drive setting. That is, if the
programmed fan drive setting (either in determined by the RPM based Fan Speed Control
Algorithm, the Look Up Table, or by manual settings) exceeds the current fan drive setting
by greater than the Fan Step Register setting, the EMC2104 will limit the fan drive change
to the value of the Fan Step Register. It will use the Update Time to determine how often to
update the drive settings.
APPLICATION NOTE: If the Fan Speed Control Algorithm is used, the default settings in the Fan Configuration 2
Register will cause the maximum fan step settings to be ignored.
The Fan Step Registers are software locked.
Table 6.40 Spin Time
SPINUP_TIME[1:0]
TOTAL SPIN UP TIME
10
0
0
250 ms
0
1
500 ms (default)
1
0
1 sec
1
1
2 sec
Table 6.41 Fan Step Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
47h
R/W
Fan 1 Max
Step
-
-
32
16
8
4
2
1
10h
87h
R/W
Fan 2 Max
Step
-
-
32
16
8
4
2
1
10h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com