Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 16 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 16 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 12Page - SMSC Corporation EMC2104 Datasheet HTML 13Page - SMSC Corporation EMC2104 Datasheet HTML 14Page - SMSC Corporation EMC2104 Datasheet HTML 15Page - SMSC Corporation EMC2104 Datasheet HTML 16Page - SMSC Corporation EMC2104 Datasheet HTML 17Page - SMSC Corporation EMC2104 Datasheet HTML 18Page - SMSC Corporation EMC2104 Datasheet HTML 19Page - SMSC Corporation EMC2104 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
16
SMSC EMC2104
DATASHEET
3.2
SMBus Electrical Specifications (client mode)
Output High Voltage
VOH
VDD -
0.4
V
4 mA current drive
Output Low Voltage
VOL
0.4
V
4 mA current sink
Leakage current
ILEAK
±5
uA
ALERT and SYS_SHDN pins
Powered and unpowered
Table 3.3 SMBus Electrical Specifications
VDD= 3V to 3.6V, TA = -40°C to 85°C Typical values are at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
SMBus Interface
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
VDD
- 0.4
V
Output Low Voltage
VOL
0.4
V
4 mA current sink
Input High/Low Current
IIH / IIL
±5
uA
Powered and unpowered
Input Capacitance
CIN
5pF
SMBus Timing
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus free time Start to
Stop
tBUF
1.3
us
Setup Time: Start
tSU:STA
0.6
us
Setup Time: Stop
tSU:STP
0.6
us
Data Hold Time
tHD:DAT
0.6
6
us
Data Setup Time
tSU:DAT
0.6
72
us
Table 3.2 Electrical Specifications (continued)
VDD = 3V to 3.6V, VDD_5V = 4.5V to 5.5V, TA = -40°C to 85°C, all Typical values at TA = 27°C unless otherwise
noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com