Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 26 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 26 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 22Page - SMSC Corporation EMC2104 Datasheet HTML 23Page - SMSC Corporation EMC2104 Datasheet HTML 24Page - SMSC Corporation EMC2104 Datasheet HTML 25Page - SMSC Corporation EMC2104 Datasheet HTML 26Page - SMSC Corporation EMC2104 Datasheet HTML 27Page - SMSC Corporation EMC2104 Datasheet HTML 28Page - SMSC Corporation EMC2104 Datasheet HTML 29Page - SMSC Corporation EMC2104 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
26
SMSC EMC2104
DATASHEET
The TACH / DRIVE bit in the Look Up Table Configuration Register MUST be set to ‘0’ or
the TACH Target values will be incorrectly set. Setting this bit to ‘0’ ensures that the settings
will be RPM settings (Tachometer counts).
APPLICATION NOTE:
It is important that the TACH Target settings are in the proper format when using the RPM
based Fan Speed Control Algorithm.
5.3
PWM Fan Driver
The EMC2104 supports two PWM output drivers. These output drivers can be configured
independently to operate as an open-drain (default) or push-pull driver and can be configured with
normal or inverse polarity. Additionally, the each PWM driver frequency is programmable with ranges
from 9.5Hz to 26kHz in four programmable frequency bands.
5.4
Fan Control Look-Up Table
The EMC2104 uses a look-up table to apply a user-programmable fan control profile based on
measured temperature to each fan driver. In this look-up table, each temperature channel is allowed
Table 5.3 Fan Controls Active for Operating Mode
DIRECT SETTING
MODE
FSC MODE
DIRECT SETTING W/ LUT
MODE
FSC W/ LUT MODE
Fan Driver Setting
(read / write)
Fan Driver Setting (read
only)
Fan Driver Setting (read
only)
Fan Driver Setting (read
only)
EDGES[1:0]
EDGES[1:0]
(Fan Configuration)
EDGES[1:0]
EDGES[1:0]
-
RANGE[1:0]
(Fan Configuration)
-
RANGE[1:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
UPDATE[2:0]
(Fan Configuration)
LEVEL
(Spin Up
Configuration)
LEVEL
(Spin Up Configuration)
LEVEL
(Spin Up Configuration)
LEVEL
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up
Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
SPINUP_TIME[1:0]
(Spin Up Configuration)
Fan Step
Fan Step
Fan Step
Fan Step
-
Fan Minimum Drive
Fan Minimum Drive
Valid TACH Count
Valid TACH Count
Valid TACH Count
Valid TACH Count
-
TACH Target (read / write)
-
TACH Target (read
only)
TACH Reading
TACH Reading
TACH Reading
TACH Reading
-
-
Look Up Table Drive /
Temperature Settings (read
only)
Look up Table Drive /
Temperature Settings
(read only)
-
DRIVE_FAIL_CNT[1:0] and
Drive Band Fail Registers
-
DRIVE_FAIL_CNT[1:0]
and Drive Band Fail
Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com