Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 68 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 68 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 64Page - SMSC Corporation EMC2104 Datasheet HTML 65Page - SMSC Corporation EMC2104 Datasheet HTML 66Page - SMSC Corporation EMC2104 Datasheet HTML 67Page - SMSC Corporation EMC2104 Datasheet HTML 68Page - SMSC Corporation EMC2104 Datasheet HTML 69Page - SMSC Corporation EMC2104 Datasheet HTML 70Page - SMSC Corporation EMC2104 Datasheet HTML 71Page - SMSC Corporation EMC2104 Datasheet HTML 72Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
68
SMSC EMC2104
DATASHEET
Bit 2 - 1 - ERR_RNGx[1:0] - Control some of the advanced options that affect the error window. When
the measured fan speed is within the programmed error window around the target speed, then the fan
drive setting is not updated. The algorithm will continue to monitor the fan speed and calculate
necessary drive setting changes based on the error, however these changes are ignored.
Bit 0 - LOWDRIVEx - Determines whether the tachometer measurement circuit will use the Tach Period
Measurement method of fan speed measurement or the Tach Pulse Count Method of fan speed
measurement. Setting this bit allows the use of low side fan drive circuits as shown in Figure 6.1
without requiring additional tachometer recovery circuitry.
‘0’ (default) - The tachometer signal must always be present when measuring the fan speed
regardless of the measurement method.
‘1’ - Low side PWM drive circuits are supported and the tachometer signal does not need to be
present at all times (which is common with such drive techniques). The tachometer measurement
circuitry will use the Tach Pulse Count Method to determine the fan speed (contact SMSC for
details on this operation). All tachometer related data is in the form of edge counts over a fixed
time period. This method is significantly slower and the tachometer updates are non-continuous.
Table 6.34 Error Range Options
ERR_RNGX[1:0]
OPERATION
10
0
0
0 RPM (default)
0
1
50 RPM
1
0
100 RPM
1
1
200 RPM
Figure 6.1 LOWDRIVE Supported Drive Circuit
PWM Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com