Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 69 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 69 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 65Page - SMSC Corporation EMC2104 Datasheet HTML 66Page - SMSC Corporation EMC2104 Datasheet HTML 67Page - SMSC Corporation EMC2104 Datasheet HTML 68Page - SMSC Corporation EMC2104 Datasheet HTML 69Page - SMSC Corporation EMC2104 Datasheet HTML 70Page - SMSC Corporation EMC2104 Datasheet HTML 71Page - SMSC Corporation EMC2104 Datasheet HTML 72Page - SMSC Corporation EMC2104 Datasheet HTML 73Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
69
Revision 1.74 (05-08-08)
DATASHEET
6.24
Gain Registers
The Gain Register stores the gain terms used by the proportional and integral portions of each of the
RPM based Fan Speed Control Algorithms. These gain terms are used as the KD, KI, and KP gain
terms in a classic PID control solution.
6.25
Fan Spin Up Configuration Registers
The Fan Spin Up Configuration Register controls the settings of Spin Up Routine. The Fan Spin Up
Configuration Register is software locked.
Bit 7 - 6 - DRIVE_FAIL_CNTx[1:0] - Determines how many update cycles are used for the Drive Fail
detection function as shown in Table 6.38. This circuitry determines whether the fan can be driven to
the desired tach target.
Table 6.35 Gain Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
45h
R/W
Gain 1
Register
-
-
GAIND[1:0]
GAINI[1:0]
GAINP[1:0]
2Ah
85h
R/W
Gain 2
Register
-
-
GAIND[1:0]
GAINI[1:0]
GAINP[1:0]
2Ah
Table 6.36 Gain Decode
GAIND OR GAINP OR GAINI [1:0]
RESPECTIVE GAIN FACTOR
10
00
1x
01
2x
1
0
4x (default)
11
8x
Table 6.37 Fan Spin Up Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
46h
R/W
Fan 1 Spin Up
Configuration
DRIVE_FAIL
_CNT1 [1:0]
NOK
ICK1
SPIN_LVL[2:0]
SPINUP_TIM
E [1:0]
0Dh
86h
R/W
Fan 2 Spin up
Configuration
DRIVE_FAIL
_CNT2 [1:0]
NOK
ICK2
SPIN_LVL[2:0]
SPINUP_TIM
E [1:0]
0Dh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com