Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 93 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 93 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 89Page - SMSC Corporation EMC2104 Datasheet HTML 90Page - SMSC Corporation EMC2104 Datasheet HTML 91Page - SMSC Corporation EMC2104 Datasheet HTML 92Page - SMSC Corporation EMC2104 Datasheet HTML 93Page - SMSC Corporation EMC2104 Datasheet HTML 94Page - SMSC Corporation EMC2104 Datasheet HTML 95Page - SMSC Corporation EMC2104 Datasheet HTML 96Page - SMSC Corporation EMC2104 Datasheet HTML 97Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
93
Revision 1.74 (05-08-08)
DATASHEET
B.2
Example #2
This example uses the RPM based Fan Speed Control Algorithm. The Spin Level (used by the Spin
Up Routine) should be changed to 50% drive for a total Spin Time of 1 second. For all other RPM
configuration settings, the default conditions are used.
For control inputs, it uses the External Diode 1 channel normally, a thermistor input on the External
Diode 2 channel, the internal diode channel, and a Pushed Temperature that represents the MCU
temperature in standard format. The configuration is set as shown in Table B.5 while Table B.6 shows
how the table is loaded.
Note that when using Thermistor data, the VIN2_INV bit should be set. The circuitry will automatically
subtract the measured thermistor voltage from a quantity of FFh (effectively inverting it). Therefore, the
Look Up Table is loaded with ascending voltage thresholds with respect to the drive settings.
Additionally, the reading register will show this same value (subtracted from FFh).
Table B.5 Look Up Table Example #2 Configuration
ADDR
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
SETTING
22h
Configuration
3
-VIN4_I
NV
VIN3_E
N
VIN3_I
NV
VIN2_
EN
VIN2_I
NV
VIN1_
EN
VIN1_I
NV
0Ch
-0
0
0
1
1
0
0
42h
Fan 1
Configuration
1
EN_
ALGO
RANGE[1:0]
EDGES[1:0]
UPDATE[2:0]
CBh
110
0
1
0
1
1
46h
Fan 1 Spin
Up
Configuration
DRIVE_FAIL_CNT
1 [1:0]
NOKICK
1
SPIN_LVL[2:0]
SPINUP_TIME
[1:0]
0Ah
000
0
1
0
1
0
50h
LUT 1
Configuration
USE_D
TS_F1
USE_D
TS_F2
LUT_LO
CK
TACH /
DRIVE
TEMP3_CFG
[1:0]
TEMP4_CFG
[1:0]
28h
001
0
1
0
0
0
Table B.6 Fan Speed Control Table Example #2
FAN
SPEED
STEP #
EXTERNAL DIODE
1 TEMPERATURE
(CPU)
THERMISTOR 2
VOLTAGE
READING
PUSHED
TEMPERATURE
SETTING
INTERNAL DIODE
TEMPERATURE
(AMBIENT)
TACH
TARGET
135oC
156.25mV
(45°C)
30oC40oC
3Dh
(1007 RPM)
240oC
178.125mV
(50°C)
35oC45oC
1Eh
(2048 RPM)
350oC
203.125mV
(55°C)
40oC50oC
14h
(3072 RPM)
460oC
228.125mV
(60°C)
45oC55oC
0Fh
(4096 RPM)
570oC
253.125mV
(65°C)
50oC60oC
0Ch
(5120 RPM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com