Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 14 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 14 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 10Page - SMSC Corporation EMC2104 Datasheet HTML 11Page - SMSC Corporation EMC2104 Datasheet HTML 12Page - SMSC Corporation EMC2104 Datasheet HTML 13Page - SMSC Corporation EMC2104 Datasheet HTML 14Page - SMSC Corporation EMC2104 Datasheet HTML 15Page - SMSC Corporation EMC2104 Datasheet HTML 16Page - SMSC Corporation EMC2104 Datasheet HTML 17Page - SMSC Corporation EMC2104 Datasheet HTML 18Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
14
SMSC EMC2104
DATASHEET
Chapter 3 Electrical Specifications
Note: Stresses above those listed could cause permanent damage to the device. This is a stress
rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied. When powering this device from
laboratory or system power supplies, it is important that the Absolute Maximum Ratings not be
exceeded or device failure can result. Some power supplies exhibit voltage spikes on their
outputs when the AC power is switched on or off. In addition, voltage transients on the AC
power line may appear on the DC output. If this possibility exists, it is suggested that a clamp
circuit be used.
Note 3.1
All voltages are relative to ground.
Note 3.2
The Package Power Dissipation specification assumes a recommended thermal via design
consisting of four 12mil vias connected to the ground plane with a 2x2mm thermal landing.
3.1
Electrical Specifications
Table 3.1 Absolute Maximum Ratings
Voltage on 5V tolerant pins
-0.3 to 6.5
V
Voltage on VDD pin
-0.3 to 4
V
Voltage on 2V tolerant pins
-0.3 to 2.5
V
Voltage on any other pin to GND
-0.3 to VDD + 0.3
V
Package Power Dissipation See Note 3.1
1 up to TA = 85°C
W
Junction to Ambient (
θ
JA) See Note 3.2
40
°C/W
Operating Ambient Temperature Range
-40 to 85°C
°C
Storage Temperature Range
-55 to 150
°C
ESD Rating, All Pins, HBM
2000
V
Table 3.2 Electrical Specifications
VDD = 3V to 3.6V, VDD_5V = 4.5V to 5.5V, TA = -40°C to 85°C, all Typical values at TA = 27°C unless otherwise
noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
DC Power
Supply Voltage
VDD
33.3
3.6
V
Supply Current
(active)
IDD
2
3
mA
4 Conversions / second -
Dynamic Averaging Enabled
Fan Driver enabled at max PWM
frequency
Supply Current
IDD
500
750
uA
1 Conversions / second-
Dynamic Averaging disabled,
Fan Driver disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com