Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 48 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 48 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 44Page - SMSC Corporation EMC2104 Datasheet HTML 45Page - SMSC Corporation EMC2104 Datasheet HTML 46Page - SMSC Corporation EMC2104 Datasheet HTML 47Page - SMSC Corporation EMC2104 Datasheet HTML 48Page - SMSC Corporation EMC2104 Datasheet HTML 49Page - SMSC Corporation EMC2104 Datasheet HTML 50Page - SMSC Corporation EMC2104 Datasheet HTML 51Page - SMSC Corporation EMC2104 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
48
SMSC EMC2104
DATASHEET
ADh
R/W
LUT 2 Temp 3
Setting 6
Stores the threshold level for the
External Diode 3 channel (or VIN3 or
TRIP_SET voltage or Pushed Temp 3
temp) that is associated with the Drive 6
value
7Fh
(127°C)
LUT
Lock 2
Page 78
AEh
R/W
LUT 2 Temp 4
Setting 6
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 4 temp) that is associated with the
Drive 6 value
7Fh
(127°C)
LUT
Lock 2
Page 78
AFh
R/W
LUT 2 Drive 7
Stores the seventh programmed drive
setting for LUT 2
92h
LUT
Lock 2
Page 78
B0h
R/W
LUT 2 Temp 1
Setting 6
Stores the threshold level for the
External Diode 1 (or VIN1) channel that
is associated with the Drive 7 value
7Fh
(127°C)
LUT
Lock 2
Page 78
B1h
R/W
LUT 2 Temp 2
Setting 6
Stores the threshold level for the
External Diode 2 (or VIN2) channel that
is associated with the Drive 7 value
7Fh
(127°C)
LUT
Lock 2
Page 78
B2h
R/W
LUT 2 Temp 3
Setting 6
Stores the threshold level for the
External Diode 3 channel (or VIN3 or
TRIP_SET voltage or Pushed Temp 3
temp) that is associated with the Drive 7
value
7Fh
(127°C)
LUT
Lock 2
Page 78
B3h
R/W
LUT 2 Temp 4
Setting 6
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 4 temp) that is associated with the
Drive 7 value
7Fh
(127°C)
LUT
Lock 2
Page 78
B4h
R/W
LUT 2 Drive 8
Stores the highest programmed drive
setting for LUT 2
92h
LUT
Lock 2
Page 78
B5h
R/W
LUT 2 Temp 1
Setting 8
Stores the threshold level for the
External Diode 1 (or VIN1) channel that
is associated with the Drive 8 value
7Fh
(127°C)
LUT
Lock 2
Page 78
B6h
R/W
LUT 2 Temp 2
Setting 8
Stores the threshold level for the
External Diode 2 (or VIN2) channel that
is associated with the Drive 8 value
7Fh
(127°C)
LUT
Lock 2
Page 78
B7h
R/W
LUT 2 Temp 3
Setting 8
Stores the threshold level for the
External Diode 3 channel (or VIN3 or
TRIP_SET voltage or Pushed Temp 3
temp) that is associated with the Drive 8
value
7Fh
(127°C)
LUT
Lock 2
Page 78
B8h
R/W
LUT 2 Temp 4
Setting 8
Stores the threshold level for the
Internal Diode channel (or Pushed
Temp 4 temp) that is associated with the
Drive 8 value
7Fh
(127°C)
LUT
Lock 2
Page 78
B9h
R/W
LUT 2 Temp
Hysteresis
Stores the hysteresis that is shared for
all temperature inputs
0Ah
(10°C)
LUT
Lock 2
Page 78
GPIO Registers
Table 6.1 EMC2104 Register Set (continued)
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com