Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 62 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 62 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 58Page - SMSC Corporation EMC2104 Datasheet HTML 59Page - SMSC Corporation EMC2104 Datasheet HTML 60Page - SMSC Corporation EMC2104 Datasheet HTML 61Page - SMSC Corporation EMC2104 Datasheet HTML 62Page - SMSC Corporation EMC2104 Datasheet HTML 63Page - SMSC Corporation EMC2104 Datasheet HTML 64Page - SMSC Corporation EMC2104 Datasheet HTML 65Page - SMSC Corporation EMC2104 Datasheet HTML 66Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
62
SMSC EMC2104
DATASHEET
‘1’ - the FAN_STALL 2 or DRIVE_FAIL2 bits will assert the ALERT# pin if set.
Bit 1 - SPIN_INT_EN1 - Allows the FAN_SPIN1 bit to assert the ALERT# pin.
‘0’ (default) - the FAN_SPIN1 bit will not assert the ALERT# pin though it will still update the Status
Register normally.
‘1’ - the FAN_SPIN1 bit will assert the ALERT# pin.
Bit 0 - STALL_INT_EN1 - Allows the FAN_STALL1 bit or DRIVE_FAIL1 bit to assert the ALERT# pin.
‘0’ (default) - the FAN_STALL1 bit or DRIVE_FAIL1 bit will not assert the ALERT# pin though will
still update the Status Register normally.
‘1’ - the FAN_STALL1 or DRIVE_FAIL1 bit will assert the ALERT# pin if set.
6.17
PWM Configuration Register
The PWM Config Register controls the output type and polarity of all PWM outputs.
Bit 1 - POLARITY2 - Determines the polarity of PWM2 (if enabled).
Bit 0 - POLARITY1 - Determines the polarity of PWM1 (if enabled).
6.18
PWM Base Frequency Register
The PWM Base Frequency Register determines the base frequency that is used with the PWM Divide
register to determine the final PWM frequency. Each PWM driver uses the same divide ratio as set by
the PWM Divide Register.
Bits 3-2 - PWM_BASE2[1:0] - Determines the base frequency of the PWM2 driver (PWM2 / GPIO4
pin).
Bits 1-0 - PWM_BASE1[1:0] - Determines the base frequency of the PWM1 driver (PWM1).
Table 6.22 PWM Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT
2Ah
R/W
PWM
Config
--
----
POLA
RITY2
POLA
RITY1
00h
Table 6.23 PWM Base Frequency Register
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT
2Bh
R/W
PWM Base
Frequency
--
--
PWM_
BASE
2_1
PWM_
BASE
2_0
PWM_
BASE
1_1
PWM_
BASE
1_0
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com