Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 38 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 38 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 34Page - SMSC Corporation EMC2104 Datasheet HTML 35Page - SMSC Corporation EMC2104 Datasheet HTML 36Page - SMSC Corporation EMC2104 Datasheet HTML 37Page - SMSC Corporation EMC2104 Datasheet HTML 38Page - SMSC Corporation EMC2104 Datasheet HTML 39Page - SMSC Corporation EMC2104 Datasheet HTML 40Page - SMSC Corporation EMC2104 Datasheet HTML 41Page - SMSC Corporation EMC2104 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
38
SMSC EMC2104
DATASHEET
Chapter 6 Register Set
6.1
Register Map
The following registers are accessible through the SMBus Interface. All register bits marked as ‘-’ will
always read ‘0’. A write to these bits will have no effect.
Table 6.1 EMC2104 Register Set
ADDR
R/W
REGISTER
NAME
FUNCTION
DEFAULT
VALUE
LOCK
PAGE
Temperature Registers
00h
R
Internal Temp
Reading High
Byte
Stores the integer data of the Internal
Diode
00h
No
Page 50
01h
R
Internal Temp
Reading Low Byte
Stores the fractional data of the Internal
Diode
00h
No
Page 50
02h
R
External Diode 1
Temp Reading
High Byte
Stores the integer data of External
Diode 1 and VIN1 channel
00h
No
Page 50
03h
R
External Diode 1
Temp Reading
Low Byte
Stores the fractional data of External
Diode 1
00h
No
Page 50
04h
R
External Diode 2
Temp Reading
High Byte
Stores the integer data of External
Diode 2 and VIN2 channel
00h
No
Page 50
05h
R
External Diode 2
Temp Reading
Low Byte
Stores the fractional data of External
Diode 2
00h
No
Page 50
06h
R
External Diode 3
Temp Reading
High Byte
Stores the integer data of External
Diode 3 and VIN3 channel
00h
No
Page 50
07h
R
External Diode 3
Temp Reading
Low Byte
Stores the fractional data of External
Diode 3
00h
No
Page 50
08h
R
External Diode 4
Temp Reading
High Byte
Stores the integer data of External
Diode 4
00h
No
Page 50
09h
R
External Diode 4
Temp Reading
Low Byte
Stores the fractional data of External
Diode 4
00h
No
Page 50
0Ah
R
Critical/Thermal
Shutdown
Temperature
Stores the calculated Critical/Thermal
Shutdown temperature high limit
derived from the voltage on TRIP_SET
/ VIN4
7Fh
(+127°C)
No
Page 51
0Ch
R/W
Pushed
Temperature 1
Stores the integer data for Pushed
Temperature 1 to drive LUT 1
00h
No
Page 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com