Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 37 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 37 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 33Page - SMSC Corporation EMC2104 Datasheet HTML 34Page - SMSC Corporation EMC2104 Datasheet HTML 35Page - SMSC Corporation EMC2104 Datasheet HTML 36Page - SMSC Corporation EMC2104 Datasheet HTML 37Page - SMSC Corporation EMC2104 Datasheet HTML 38Page - SMSC Corporation EMC2104 Datasheet HTML 39Page - SMSC Corporation EMC2104 Datasheet HTML 40Page - SMSC Corporation EMC2104 Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
37
Revision 1.74 (05-08-08)
DATASHEET
5.13.1
Diode Faults
The EMC2104 actively detects an open and short condition on each measurement channel. When a
diode fault is detected, the temperature data MSByte is forced to a value of 80h and the FAULT bit is
set in the Status Register. When the External Diode 3 channel is configured to operate in APD mode,
the circuitry will detect independent open fault conditions, however a short condition will be shared
between the External Diode 3 and External Diode 4 channels.
5.14
GPIOs
The EMC2104 contains up to three (3) GPIOs pin (all are multiplexed with other functions). The GPIO
pins can be configured as an input or an output and as a push-pull or open-drain output. Additionally,
the GPIO pins, when configured as an input, can be enabled to trigger an interrupt when they change
states.
5.15
Interrupts
If a change of state occurs (such as a temperature out-of-limit condition or a GPIO changing states)
then the following will occur:
1. The appropriate status bits will be set in the Status Register and in the High, Low, and Fault Status
Registers.
2. The ALERT# will be asserted if the specific channel interrupt is enabled (see Section 6.15).
The ALERT# pin is cleared by setting the MASK bit, disabling the specific interrupt channel enable, or
reading the status registers. If the error conditions persist, then the status bits will remain set. Unless
the Interrupt Status Enable bits are cleared or the MASK bit is set, the ALERT# pin will likewise be set.
Figure 5.7 Diode Connections
Local Ground
to
DP
Typical remote
substrate transistor
i.e. CPU substrate PNP
Typical remote
discrete PNP transistor
i.e. 2N3906
Typical remote
discrete NPN transistor
i.e. 2N3904
to
DN
to
DP
to
DN
to
DP
to
DN
Anti-parallel diodes using
discrete NPN transistors
Diode 1
Diode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com