Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 24 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 24 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 20Page - SMSC Corporation EMC2104 Datasheet HTML 21Page - SMSC Corporation EMC2104 Datasheet HTML 22Page - SMSC Corporation EMC2104 Datasheet HTML 23Page - SMSC Corporation EMC2104 Datasheet HTML 24Page - SMSC Corporation EMC2104 Datasheet HTML 25Page - SMSC Corporation EMC2104 Datasheet HTML 26Page - SMSC Corporation EMC2104 Datasheet HTML 27Page - SMSC Corporation EMC2104 Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
24
SMSC EMC2104
DATASHEET
APPLICATION NOTE: The TRIP_SET / VIN4 pin circuitry is designed to use a 1% resistor externally. Using a 1%
resistor will result in the Thermal / Critical Shutdown temperature being decoded correctly. If
a 5% resistor is used, then the Thermal / Critical Shutdown temperature may be decoded
with as much as ±1°C error.
VTRIP is the TRIP_SET
voltage
[1]
TMIN is the minimum
temperature based on the
range
Table 5.2 TRIP_SET Resistor Setting
TTRIP (°C)
LOW RANGE
TTRIP (°C)
HIGH RANGE
RSET (1%)
TTRIP (°C)
LOW RANGE
TTRIP (°C)
HIGH RANGE
RSET (1%)
60
92
0.0
92
124
1240
61
93
28.7
93
125
1330
62
94
48.7
94
126
1400
63
95
69.8
95
127
1500
64
96
90.9
96
128
1580
65
97
113
97
129
1690
66
98
137
98
130
1820
67
99
158
99
131
1960
68
100
182
100
132
2050
69
101
210
101
133
2210
70
102
237
102
134
2370
71
103
261
103
135
2550
72
104
294
104
136
2740
73
105
324
105
137
2940
74
106
348
106
138
3160
75
107
383
107
139
3480
76
108
412
108
140
3740
77
109
453
109
141
4120
78
110
487
110
142
4530
79
111
523
111
143
4990
80
112
562
112
144
5490
81
113
604
113
145
6040
82
114
649
114
146
6810
V
TRIP
T
TRIP
T
MIN
80
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com