Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 55 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 55 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 51Page - SMSC Corporation EMC2104 Datasheet HTML 52Page - SMSC Corporation EMC2104 Datasheet HTML 53Page - SMSC Corporation EMC2104 Datasheet HTML 54Page - SMSC Corporation EMC2104 Datasheet HTML 55Page - SMSC Corporation EMC2104 Datasheet HTML 56Page - SMSC Corporation EMC2104 Datasheet HTML 57Page - SMSC Corporation EMC2104 Datasheet HTML 58Page - SMSC Corporation EMC2104 Datasheet HTML 59Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
55
Revision 1.74 (05-08-08)
DATASHEET
6.8
Critical Temperature Limit Registers
The Critical Temperature Limit Registers store the Critical Temperature Limit. At power up, none of the
respective channels are linked to the SYS_SHDN pin or the Hardware set Thermal/Critical Shutdown
circuitry.
Whenever one of the registers is updated, two things occur. First, the register is locked so that it cannot
be updated again without a power on reset. Second, the respective temperature channel is linked to
the SYS_SHDN pin and the Hardware set Thermal/Critical Shutdown Circuitry. At this point, if the
measured temperature channel exceeds the Critical limit, the SYS_SHDN pin will be asserted, the
appropriate bit set in the Tcrit Status Register, and the TCRIT bit in the Interrupt Status Register will
be set.
6.9
Configuration Register
The Configuration Register controls the basic functionality of the EMC2104. The bits are described
below. The Configuration Register is software locked.
Bit 7 - MASK - Blocks the ALERT# pin from being asserted.
‘0’ (default) - The ALERT# pin is unmasked. If any bit in either status register is set, the ALERT#
pins will be asserted (unless individually masked via the Mask Register)
‘1’ - The ALERT# pin is masked and will not be asserted.
Bit 4 - SYS4 - Enables the high temperature limit for the External Diode 4 channel to trigger the Critical
/ Thermal Shutdown circuitry (see Section 6.1). This bit is ignored if the DP3 / DN3 pins are configured
to measure a voltage input. In this case, the External Diode 4 channel is disabled and not compared
against any limits.
‘0’ (default) - the External Diode 4 channel high limit will not be linked to the SYS_SHDN# pin. If
the temperature exceeds the limit, the ALERT# pin will be asserted normally.
‘1’ - the External Diode 4 channel high limit will be linked to the SYS_SHDN# pin. If the temperature
exceeds the limit then the SYS_SHDN# pin will be asserted. The SYS_SHDN# pin will be released
Table 6.11 Limit Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
19h
R/W
once
External Diode
1 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Ah
R/W
once
External Diode
2 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Bh
R/W
once
External Diode
3 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Ch
R/W
once
External Diode
4 Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
1Dh
R/W
once
Internal Diode
Tcrit Limit
Sign
64
32
16
8
4
2
1
64h
(+100°C)
Table 6.12 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
20h
R/W
Configuration
MASK
-
-
SYS4
SYS3
SYS2
SYS1
APD
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com