Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 80 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 80 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 76Page - SMSC Corporation EMC2104 Datasheet HTML 77Page - SMSC Corporation EMC2104 Datasheet HTML 78Page - SMSC Corporation EMC2104 Datasheet HTML 79Page - SMSC Corporation EMC2104 Datasheet HTML 80Page - SMSC Corporation EMC2104 Datasheet HTML 81Page - SMSC Corporation EMC2104 Datasheet HTML 82Page - SMSC Corporation EMC2104 Datasheet HTML 83Page - SMSC Corporation EMC2104 Datasheet HTML 84Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
80
SMSC EMC2104
DATASHEET
6.36
GPIO Direction Register
The GPIO Direction Register 1 controls the direction of GPIOs 1 through 6. When muxable pins are
not configured as a GPIO ports the respective bits are ignored.
Bit 5 - 0 - GPIOx_DIR - Controls the input / output state of GPIOs. The bit is not used if the pin is not
configured as a GPIO.
‘0’ (default) - The GPIO is configured as an input.
‘1’ - The GPIO is configured as an output.
6.37
GPIO / PWM Pin Output Configuration Register
The GPIO Output Configuration Register controls the output pin type of each GPIO pin. These settings
apply to the pin if it is configured as a GPIO output or a PWM. Bit 6 - PWM1_OT - Determines the
output type for the PWM1 pin.
‘0’ (default) - The PWM1 output is configured as an open drain output (if enabled as a PWM
output).
‘1’ - The PWM1 output is configured as a push-pull output (if enabled as an a PWM output).
Bit 2 - 0 - GPIOx_OT - Determines the output type for GPIOx.
‘0’ (default) - GPIOx is configured as an open drain output (if enabled as an output).
‘1’ - GPIOxis configured as a push-pull output (if enabled as an output).
6.38
GPIO Input Register
The GPIO Input Register indicates the state of the corresponding GPIO pin regardless of the
functionality of the pin (GPIO, PWM, or TACH) or the direction of the GPIO (input, push-pull output,
open-drain output). When a GPIO is configured as an input, any change of state will assert the
ALERT# pin (unless GPIO interrupts are masked, see Section 6.15).
Table 6.53 GPIO Direction Register
ADDR
R/W
REGISTER
B7B6
B5B4B3B2B1B0
DEFAULT
E1h
R/W
GPIO
Direction 1
---
--
GPIO
3_DIR
GPIO
2_DIR
GPIO
1_DIR
00h
Table 6.54 GPIO / PWM Pin Output Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E2
R/W
GPIO
Output
Config
-
PWM
1_OT
---
GPIO
3_OT
GPIO
2_OT
GPIO
1_OT
00h
Table 6.55 GPIO Input Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E3h
R
GPIO Input
----
-
GPIO
3_IN
GPIO
2_IN
GPIO
1_IN
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com