Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 12 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 12 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 8Page - SMSC Corporation EMC2104 Datasheet HTML 9Page - SMSC Corporation EMC2104 Datasheet HTML 10Page - SMSC Corporation EMC2104 Datasheet HTML 11Page - SMSC Corporation EMC2104 Datasheet HTML 12Page - SMSC Corporation EMC2104 Datasheet HTML 13Page - SMSC Corporation EMC2104 Datasheet HTML 14Page - SMSC Corporation EMC2104 Datasheet HTML 15Page - SMSC Corporation EMC2104 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
Revision 1.74 (05-08-08)
12
SMSC EMC2104
DATASHEET
11
TACH2 / GPIO2
TACH2 - Tachometer input for Fan 2
(default)
DI (5V)
GPI2 - General Purpose Input
DI (5V)
GPO2 - General Purpose push-pull
Output
DO
GPO2 - General Purpose open drain
Output
OD (5V)
12
TACH1
Tachometer input for Fan 1
DI (5V)
13
PWM1
PWM1 - Open Drain PWM drive output for
Fan 1
(default)
OD (5V)
PWM1 - Push-Pull PWM drive output for
Fan 1
DO
14
n/c
Not Internally Connected
N/A
15
TRIP_SET / VIN4
TRIP_SET - Determines HW Shutdown
temperature features for the hardware
shutdown channel
AI (2V)
VIN4 - General voltage input when
Thermal / Critical shutdown disabled
AI (2V)
16
SHDN_SEL
Determines HW Shutdown temperature
features and measurement channel
AIO
17
DN3 / DP4 / VIN3
DN3 / DP4 - Negative (cathode) analog
input for External Diode 3 and positive
(anode) Analog Input for External Diode 4
(default)
AIO (2V)
VIN3 - General voltage input for use with
a thermistor
AI (2V)
18
DP3 / DN4 / VREF_T3
DP3 / DN4 - Positive (anode) analog input
for External Diode 3 and negative
(cathode) analog input for External Diode
4
(default)
AIO (2V)
VREF_T3 - Reference output for use with
a thermistor and to drive VIN3
AO (2V)
19
DN2 / VIN2
DN2 - Negative (cathode) analog input for
External Diode 2
(default)
AIO (2V)
VIN2 - General voltage input for use with
a thermistor
AI (2V)
20
DP2 / VREF_T2
DP2 - Positive (anode) analog input for
External Diode 2
(default)
AIO (2V)
VREF_T2 - Reference output for use with
a thermistor and to drive VIN2
AO (2V)
Table 2.1 Pin Description for EMC2104 (continued)
PIN NUMBER
EMC2104
PIN NAME
PIN FUNCTION
PIN TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com