Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 81 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 81 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 77Page - SMSC Corporation EMC2104 Datasheet HTML 78Page - SMSC Corporation EMC2104 Datasheet HTML 79Page - SMSC Corporation EMC2104 Datasheet HTML 80Page - SMSC Corporation EMC2104 Datasheet HTML 81Page - SMSC Corporation EMC2104 Datasheet HTML 82Page - SMSC Corporation EMC2104 Datasheet HTML 83Page - SMSC Corporation EMC2104 Datasheet HTML 84Page - SMSC Corporation EMC2104 Datasheet HTML 85Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
81
Revision 1.74 (05-08-08)
DATASHEET
6.39
GPIO Output Register
The GPIO Output Register controls the state of the corresponding GPIO pins when they areconfigured
as GPIOs and as outputs.
If the output is configured as an open-drain output, then it requires a pull-up resistor to VDD. Setting
the corresponding bit to a ‘1’ will act to disable the output allowing the pull-up resistor to pull the output
high. Setting the corresponding bit to a ‘0’ will enable the output and drive the pin to a logical ‘0’ state.
If the output is configured as a push-pull output, then output pin will immediately be driven to match
the corresponding bit setting.
6.40
GPIO Interrupt Enable Register
The GPIO Interrupt Enable Register enables the GPIOs to assert the ALERT pin when they change
state. When the GPIO pins are disabled or configured as outputs, then these bits are ignored.
Bit 3 - 0 - GPIOx_INT_EN - Allows the ALERT# pin to be asserted when the GPIOx pin changes state
(when configured as an input).
‘0’ (default) - The ALERT# pin will not be asserted when the GPIOx pin changes state (when
configured as an input).
‘1’ - The ALERT# pin will be asserted when the GPIOxpin changes state (when configured as an
input).
6.41
GPIO Status Register
The GPIO Status Register indicates which GPIO has changed states to cause the ALERT pins to be
asserted. This register is cleared when it is read. The bits in this register are set whenever the
corresponding GPIO changes states regardless if the ALERT pins are asserted. Once a bit is set, it
will remain set until read.
Table 6.56 GPIO Output Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E4h
R/W
GPIO
Output 1
--
-
-
-
GPIO3
_OUT
GPIO2
_OUT
GPIO1
_OUT
00h
Table 6.57 GPIO Interrupt Enable Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E5h
R/W
GPIO
Interrupt
Enable
--
-
-
-
GPIO3_
INT_EN
GPIO2_
INT_EN
GPIO1_
INT_EN
00h
Table 6.58 GPIO Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
E6h
R-C
GPIO
Status
--
-
-
-
GPIO3_
STS
GPIO2_
STS
GPIO1_
STS
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com