Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 65 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 65 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 61Page - SMSC Corporation EMC2104 Datasheet HTML 62Page - SMSC Corporation EMC2104 Datasheet HTML 63Page - SMSC Corporation EMC2104 Datasheet HTML 64Page - SMSC Corporation EMC2104 Datasheet HTML 65Page - SMSC Corporation EMC2104 Datasheet HTML 66Page - SMSC Corporation EMC2104 Datasheet HTML 67Page - SMSC Corporation EMC2104 Datasheet HTML 68Page - SMSC Corporation EMC2104 Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
65
Revision 1.74 (05-08-08)
DATASHEET
The PWM 1 and 2 Divide Registers determine the final frequency of the PWM 1and PWM 2 drivers.
Each driver base frequency is divided by the value of the respective PWM Divide Register to determine
the final frequency. The duty cycle settings are not affected by these settings, only the final frequency
of the PWM driver. A value of 00h will be decoded as 01h.
6.22
Fan Configuration 1 Registers
The Fan Configuration 1 Register controls the general operation of the RPM based Fan Speed Control
Algorithm used for the Fan 1 driver.
Bit 7 - EN_ALGO - enables the RPM based Fan Speed Control Algorithm. This bit is set and cleared
automatically when the LUT_LOCK bit is set based on the setting of the TACH / DRIVE bit (see
Section 6.32). When the LUT_LOCK bit is cleared, then setting this bit will enable the FSC without
using the Look Up Table.
‘0’ - (default) the control circuitry is disabled and the fan driver output is determined by the Fan
Driver Setting Register.
‘1’ - the control circuitry is enabled and the Fan Driver output will be automatically updated to
maintain the programmed fan speed as indicated by the TACH Target Register.
Bits 6- 5 - RANGE[1:0] - Adjusts the range of reported and programmed tachometer reading values.
The RANGE bits determine the weighting of all TACH values (including the Valid TACH Count, TACH
Target, and TACH reading) as shown in Table 6.29.
Bits 4-3 - EDGES[1:0] - determines the minimum number of edges that must be detected on the
TACHx signal to determine a single rotation. A typical fan measured 5 edges (for a 2-pole fan). For
more accurate tachometer measurement, the minimum number of edges measured may be increased.
Increasing the number of edges measured with respect to the number of poles of the fan will cause
the TACH Reading registers to indicate a fan speed that is higher or lower than the actual speed. In
order for the FSC Algorithm to operate correctly, the TACH Target must be updated by the user to
accommodate this shift. The Effective Tach Multiplier shown in Table 6.30 is used as a direct multiplier
Table 6.28 Fan Configuration 1 Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
42h
R/W
Fan 1
Configuration
1
EN_
ALGO
RANGE[1:0]
EDGES[1:0]
UPDATE[2:0]
2Bh
82h
R/W
Fan 2
Configuration
1
EN_
ALGO
RANGE[1:0]
EDGES[1:0]
UPDATE[2:0]
2Bh
Table 6.29 Range Decode
RANGE[1:0]
REPORTED MINIMUM
RPM
TACH COUNT
MULTIPLIER
10
00
500
1
0
1
1000 (default)
2
1
0
2000
4
1
1
4000
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com