| Moteur de recherche de fiches techniques de composants électroniques |
|
EMC2104 Fiches technique(PDF) 34 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
EMC2104 Fiches technique(HTML) 34 Page - SMSC Corporation |
|
34 / 101 page ![]() Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown Datasheet Revision 1.74 (05-08-08) 34 SMSC EMC2104 DATASHEET 5.9 Watchdog Timer The EMC2104 contains two internal Watchdog Timers. Once the device has powered up the watchdog timer monitors the SMBus traffic for signs of activity. The Watchdog Timer starts when the internal supply has reached its operating point. The Watchdog Timer only starts immediately after power-up and once it has been triggered or deactivated will not restart. Each fan driver has an independent watchdog timer. Disabling the watchdog associated with Fan 1 will not disable the watchdog associated with Fan 2. If four (4) seconds elapse without the system host programming the device, then the watchdog will be triggered and the following will occur: 1. The WATCH status bit will be set. 2. The fan driver will be set to full scale drive. It will remain at full scale drive until one of the three conditions listed below are met. If the Watchdog Timer is triggered, the following three operations will disable the timer and return the device to normal operation. Alternately, if the Watchdog Timer has not yet been triggered performing any one of the following will disable it. 1. Writing the Fan Setting Register will disable the Watchdog Timer. 2. Enabling the RPM based Fan Speed Control Algorithm by setting the EN_ALGO bit will disable the Watchdog Timer. The fan driver will be set based on the RPM based Fan Speed Control Algorithm. 3. Setting the LUT_LOCK bit will disable the Watchdog Timer. The fan driver will be set based on the Look Up Table settings. Writing any other configuration registers will not disable the Watchdog Timer. Figure 5.6 Ramp Rate Control Previous Setting Next Desired Setting Max Step Max Step Update Time Update Time Setting Changed |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |