Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC2104 Fiches technique(PDF) 91 Page - SMSC Corporation

No de pièce EMC2104
Description  Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2104 Fiches technique(HTML) 91 Page - SMSC Corporation

Back Button EMC2104 Datasheet HTML 87Page - SMSC Corporation EMC2104 Datasheet HTML 88Page - SMSC Corporation EMC2104 Datasheet HTML 89Page - SMSC Corporation EMC2104 Datasheet HTML 90Page - SMSC Corporation EMC2104 Datasheet HTML 91Page - SMSC Corporation EMC2104 Datasheet HTML 92Page - SMSC Corporation EMC2104 Datasheet HTML 93Page - SMSC Corporation EMC2104 Datasheet HTML 94Page - SMSC Corporation EMC2104 Datasheet HTML 95Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 101 page
background image
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
Datasheet
SMSC EMC2104
91
Revision 1.74 (05-08-08)
DATASHEET
Appendix B Look Up Table Operation
The EMC2104 uses a look-up table to apply a user-programmable fan control profile based on
measured temperature to each fan driver. In this look-up table, each temperature channel is allowed
to control the fan drive output independently (or jointly) by programming up to eight pairs of
temperature and drive setting entries.
The user programs the look-up table based on the desired operation. If the RPM based Fan Speed
Control Algorithm is to be used (see Section 6.6), then the user must program an RPM target for each
temperature setting of interest. Alternately, if the RPM based Fan Speed Control Algorithm is not to be
used, then the user must program a drive setting for each temperature setting of interest.
If the measured temperature on the External Diode channel meets or exceeds any of the temperature
thresholds for any of the channels, the fan output will be automatically set to the desired setting
corresponding to the exceeded temperature. In cases where multiple temperature channel thresholds
are exceeded, the highest fan drive setting will take precedence.
When the measured temperature drops to a point below a lower threshold minus the hysteresis value,
the fan output will be set to the corresponding lower set point.
The following sections show examples of how the Look Up Table is used and configured. Each Look
Up Table Example uses the Fan 1 Look Up Table Registers configured as shown in Table B.1.
B.1
Example #1
This example does not use the RPM based Fan Speed Control Algorithm. Instead, the Look Up Table
is configured to directly set a fan drive setting based on the temperature of four of its measured inputs.
The configuration is set as shown in Table B.2.
Once configured, the Look Up Table is loaded as shown in Table B.3. Table B.3 shows three
temperature configurations using the settings in Table B.3 and the final fan drive setting that the Look
Up Table will select.
Table B.1 Look Up Table Format
STEP
TEMP 1
TEMP 2
TEMP 3
TEMP 4
LUT DRIVE
1
LUT Temp 1
Setting 1 (52h)
LUT Temp 2
Setting 1 (53h)
LUT Temp 3
Setting 1 (54h)
LUT Temp 4
Setting 1 (55h)
LUT Drive
Setting 1 (51h)
2
LUT Temp 1
Setting 2 (57h)
LUT Temp 2
Setting 2 (58h)
LUT Temp 3
Setting 2 (59h)
LUT Temp 4
Setting 2 (5Ah)
LUT Drive
Setting 2 (56h)
3
LUT Temp 1
Setting 3 (5Ch)
LUT Temp 2
Setting 3 (5Dh)
LUT Temp 3
Setting 3 (5Eh)
LUT Temp 4
Setting 3 (5Fh)
LUT Drive
Setting 3 (5Bh)
4
LUT Temp 1
Setting 4 (61h)
LUT Temp 2
Setting 4 (62h)
LUT Temp 3
Setting 4 (63h)
LUT Temp 4
Setting 4 (64h)
LUT Drive
Setting 4 (60h)
5
LUT Temp 1
Setting 5 (66h)
LUT Temp 2
Setting 5 (67h)
LUT Temp 3
Setting 5 (68h)
LUT Temp 4
Setting 5 (69h)
LUT Drive
Setting 5 (65h)
6
LUT Temp 1
Setting 6 (6Bh)
LUT Temp 2
Setting 6 (6Ch)
LUT Temp 3
Setting 6 (6Dh)
LUT Temp 4
Setting 6 (6Eh)
LUT Drive
Setting 6 (6Ah)
7
LUT Temp 1
Setting 7 (70h)
LUT Temp 2
Setting 7 (71h)
LUT Temp 3
Setting 7 (72h)
LUT Temp 4
Setting 7 (73h)
LUT Drive
Setting 7 (6Fh)
8
LUT Temp 1
Setting 8 (75h)
LUT Temp 2
Setting 8 (76h)
LUT Temp 3
Setting 8 (77h)
LUT Temp 4
Setting 8 (78h)
LUT Drive
Setting 8 (74h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com