Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 397 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 397 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 393Page - Microchip Technology PIC16F18345 Datasheet HTML 394Page - Microchip Technology PIC16F18345 Datasheet HTML 395Page - Microchip Technology PIC16F18345 Datasheet HTML 396Page - Microchip Technology PIC16F18345 Datasheet HTML 397Page - Microchip Technology PIC16F18345 Datasheet HTML 398Page - Microchip Technology PIC16F18345 Datasheet HTML 399Page - Microchip Technology PIC16F18345 Datasheet HTML 400Page - Microchip Technology PIC16F18345 Datasheet HTML 401Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 397
PIC16(L)F18313/18323
TABLE 34-11: RESET, WDT, OSCILLATOR START-UP TIMER, POWER-UP TIMER, BROWN-OUT
RESET AND LOW-POWER BROWN-OUT RESET SPECIFICATIONS
TABLE 34-12:
ANALOG-TO-DIGITAL CONVERTER (ADC) ACCURACY SPECIFICATIONS(1,2):
Standard Operating Conditions (unless otherwise stated)
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
RST01
TMCLR
MCLR Pulse Width Low to ensure Reset
2
s
RST02
TIOZ
I/O high-impedance from Reset detection
2
s
RST03
TWDT
Watchdog Timer Time-out Period
10
16
27
ms
16 ms Nominal Reset Time
RST04*
TPWRT
Power-up Timer Period
40
65
140
ms
RST05
TOST
Oscillator Start-up Timer Period(1,2)
1024
TOSC
RST06
VBOR
Brown-out Reset Voltage(4)
2.55
2.30
1.80
2.70
2.45
1.90
2.85
2.60
2.10
V
V
V
BORV = 0
BORV = 1
(PIC16F18313/18323)
BORV = 1
(PIC16LF18313/18323)
RST07
VBORHYS
Brown-out Reset Hysteresis
0
25
75
mV
RST08
TBORDC
Brown-out Reset Response Time
1
3
35
s
RST09
VLPBOR
Low-Power Brown-out Reset Voltage
V
PIC16F18313/18323
V
PIC16LF18313/18323
*
These parameters are characterized but not tested.
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note
1:
By design, the Oscillator Start-up Timer (OST) counts the first 1024 cycles, independent of frequency.
2:
To ensure these voltage tolerances, VDD and VSS must be capacitively decoupled as close to the device as possible.
0.1
F and 0.01 F values in parallel are recommended.
Operating Conditions (unless otherwise stated)
VDD = 3.0V, TA = 25°C
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Unit
s
Conditions
AD01
NR
Resolution
10
bit
AD02
EIL
Integral Error
LSb ADCREF+ = 3.0V, ADCREF-= 0V
AD03
EDL
Differential Error
LSb ADCREF+ = 3.0V, ADCREF-= 0V
AD04
EOFF
Offset Error
LSb ADCREF+ = 3.0V, ADCREF-= 0V
AD05
EGN
Gain Error
LSb ADCREF+ = 3.0V, ADCREF-= 0V
AD06
VADREF ADC Reference Voltage (ADREF+)(3)
———
V
AD07
VAIN
Full-Scale Range
VSS
—ADREF
+
V
AD06
VADREF ADC Reference Voltage (ADREF+-
ADREF-)(3)
———
V
AD07
VAIN
Full-Scale Range
ADREF-—
ADREF
+
V
AD08
ZAIN
Recommended Impedance of
Analog Voltage Source
———
k
AD09
RVREF ADC Voltage Reference Ladder
Impedance
———
k
*
These parameters are characterized but not tested.
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
Total Absolute Error is the sum of the offset, gain and integral non-linearity (INL) errors.
2:
The ADC conversion result never decreases with an increase in the input and has no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com