Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 29 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 25Page - Microchip Technology PIC16F18345 Datasheet HTML 26Page - Microchip Technology PIC16F18345 Datasheet HTML 27Page - Microchip Technology PIC16F18345 Datasheet HTML 28Page - Microchip Technology PIC16F18345 Datasheet HTML 29Page - Microchip Technology PIC16F18345 Datasheet HTML 30Page - Microchip Technology PIC16F18345 Datasheet HTML 31Page - Microchip Technology PIC16F18345 Datasheet HTML 32Page - Microchip Technology PIC16F18345 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 442 page
background image
Bank 5
CPU CORE REGISTERS; see Table 3-2 for specifics
28Ch
ODCONA
ODCA5
ODCA4
ODCA2
ODCA1
ODCA0
--00 -000
--00 -000
28Dh
Unimplemented
28Eh
ODCONC
X
Unimplemented
X
ODCC5
ODCC4
ODCC3
ODCC2
ODCC1
ODCC0
--00 0000
--00 0000
28Fh
Unimplemented
290h
Unimplemented
291h
CCPR1L
CCPR1<7:0>
xxxx xxxx
xxxx xxxx
292h
CCPR1H
CCPR1<15:8>
xxxx xxxx
xxxx xxxx
293h
CCP1CON
CCP1EN
CCP1OUT
CCP1FMT
CCP1MODE<3:0>
0-x0 0000
0-x0 0000
294h
CCP1CAP
CCP1CTS<2:0>
---- 0000
---- xxxx
295h
CCPR2L
CCPR2<7:0>
xxxx xxxx
xxxx xxxx
296h
CCPR2H
CCPR2<15:8>
xxxx xxxx
xxxx xxxx
297h
CCP2CON
CCP2EN
CCP2OUT
CCP2FMT
CCP2MODE<3:0>
0-x0 0000
0-x0 0000
298h
CCP2CAP
CCP2CTS<2:0>
---- -000
---- -xxx
299h
Unimplemented
29Ah
Unimplemented
29Bh
Unimplemented
29Ch
Unimplemented
29Dh
Unimplemented
29Eh
Unimplemented
29Fh
CCPTMRS
C2TSEL
C1TSEL
---- -1-1
---- -1-1
Bank 6
30Ch
SLRCONA
SLRA5
SLRA4
SLRA2
SLRA1
SLRA0
--11 -111
--11 -111
30Dh
Unimplemented
30Eh
SLRCONC
X
Unimplemented
—X
SLRC5
SLRC4
SLRC3
SLRC2
SLRC1
SLRC0
--11 1111
--11 1111
30Fh-31Fh
Unimplemented
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com