Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 5 Page - Microchip Technology

  PIC16F18345 Datasheet HTML 1Page - Microchip Technology PIC16F18345 Datasheet HTML 2Page - Microchip Technology PIC16F18345 Datasheet HTML 3Page - Microchip Technology PIC16F18345 Datasheet HTML 4Page - Microchip Technology PIC16F18345 Datasheet HTML 5Page - Microchip Technology PIC16F18345 Datasheet HTML 6Page - Microchip Technology PIC16F18345 Datasheet HTML 7Page - Microchip Technology PIC16F18345 Datasheet HTML 8Page - Microchip Technology PIC16F18345 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 442 page
background image
TABLE 1:
8-PIN ALLOCATION TABLE (PIC16(L)F18313)
RA0
7
ANA0
C1IN0+
DAC1OUT
MDCIN1(1)
CLCIN3(1)
IOC
Y
ICDDAT/
ICSPDAT
RA1
ANA1
VREF+
C1IN0-
DAC1REF+MDMIN(1)
——
SCK(1)
SCL(1,3,4)
RX(1))
DT(1,3)
CLCIN2(1)
IOC
Y
ICDCLK/
ICSPCLK
RA2
5
ANA2
VREF-
DAC1REF-
T0CKI(1)
CWG1IN(1) SDA(1,3,4)
SDI(1)
INT(1)
IOC
Y
RA3
4
——
SS(1)
CLCIN0(1)
IOC
Y
MCLR
VPP
RA4
3
ANA4
C1IN1-
T1G(1)
SOSCO
IOC
Y
CLKOUT
OSC2
RA5
2
ANA5
——
MDCIN2(1)
T1CKI(1)
SOSCIN
SOSCI
CCP1(1)
CCP2(1)
——
CLCIN1(1)
IOC
Y
CLKIN
OSC1
VDD
1
VDD
VSS
8
——
VSS
OUT(2)
C1OUT
NCO
DSM
TMR0
CCP1
PWM5
CWG1A
SDA(3)
CK
CLC1OUT
CLKR
——
CCP2
PWM6
CWG1B
SCL(3)
DT(3)
CLC2OUT
——
CWG1C
SDO
TX
——
CWG1D
SCK
——
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 12-1.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output selection registers. See Register 12-2.
3:
These peripheral functions are bidirectional. The output pin selections must be the same as the input pin selections.
4:
These pins are configured for I2C™ logic levels as described in Section 12.3 “Bidirectional Pins”; clock and data signals may be assigned to any of these pins. Assignments to the other pins (e.g.,
RA5) will operate, but logic levels will be standard TTL/ST as selected by the INLVL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com