Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 25 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 21Page - Microchip Technology PIC16F18345 Datasheet HTML 22Page - Microchip Technology PIC16F18345 Datasheet HTML 23Page - Microchip Technology PIC16F18345 Datasheet HTML 24Page - Microchip Technology PIC16F18345 Datasheet HTML 25Page - Microchip Technology PIC16F18345 Datasheet HTML 26Page - Microchip Technology PIC16F18345 Datasheet HTML 27Page - Microchip Technology PIC16F18345 Datasheet HTML 28Page - Microchip Technology PIC16F18345 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 442 page
background image
Bank 1
CPU CORE REGISTERS; see Table 3-2 for specifics
08Ch
TRISA
TRISA5
TRISA4
TRISA2
TRISA1
TRISA0
--11 -111
--11 -111
08Dh
Unimplemented
08Eh
TRISC
X
Unimplemented
X
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111
--11 1111
08Fh
Unimplemented
090h
PIE0
TMR0IE
IOCIE
INTE
--00 ---0
--00 ---0
091h
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
BCL1IE
TMR2IE
TMR1IE
0000 0000
0000 0000
092h
PIE2
X
C1IE
NVMIE
NCO1IE
0000 0000
0000 0000
X
C2IE
C1IE
NVMIE
NCO1IE
0000 0000
0000 0000
093h
PIE3
OSFIE
CSWIE
CLC2IE
CLC1IE
0000 0000
0000 0000
094h
PIE4
CWG1IE
CCP2IE
CCP1IE
0000 0000
0000 0000
095h
Unimplemented
096h
Unimplemented
097h
WDTCON
WDTPS<4:0>
SWDTEN
--01 0110
--01 0110
098h
Unimplemented
099h
Unimplemented
09Ah
Unimplemented
09Bh
ADRESL
ADRESL<7:0>
xxxx xxxx
uuuu uuuu
09Ch
ADRESH
ADRESH<7:0>
xxxx xxxx
uuuu uuuu
09Dh
ADCON0
CHS<5:0>
GO/DONE
ADON
0000 0000
0000 0000
09Eh
ADCON1
ADFM
ADCS<2:0>
ADNREF
ADPREF<1:0>
0000 -000
0000 -000
09Fh
ADACT
ADACT<3:0>
---- 0000
---- 0000
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com