Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 63 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 63 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 59Page - Microchip Technology PIC16F18345 Datasheet HTML 60Page - Microchip Technology PIC16F18345 Datasheet HTML 61Page - Microchip Technology PIC16F18345 Datasheet HTML 62Page - Microchip Technology PIC16F18345 Datasheet HTML 63Page - Microchip Technology PIC16F18345 Datasheet HTML 64Page - Microchip Technology PIC16F18345 Datasheet HTML 65Page - Microchip Technology PIC16F18345 Datasheet HTML 66Page - Microchip Technology PIC16F18345 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 63
PIC16(L)F18313/18323
5.13
Register Definitions: Power Control
TABLE 5-5:
SUMMARY OF REGISTERS ASSOCIATED WITH RESETS
REGISTER 5-2:
PCON0: POWER CONTROL REGISTER 0
R/W/HS-0/q
R/W/HS-0/q
U-0
R/W/HC-1/q
R/W/HC-1/q
R/W/HC-1/q
R/W/HC-q/u
R/W/HC-q/u
STKOVF
STKUNF
RWDT
RMCLR
RI
POR
BOR
bit 7
bit 0
Legend:
HC = Bit is cleared by hardware
HS = Bit is set by hardware
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-m/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
STKOVF:
Stack Overflow Flag bit
1
= A Stack Overflow occurred
0
= A Stack Overflow has not occurred or cleared by firmware
bit 6
STKUNF:
Stack Underflow Flag bit
1
= A Stack Underflow occurred
0
= A Stack Underflow has not occurred or cleared by firmware
bit 5
Unimplemented:
Read as ‘0’
bit 4
RWDT:
Watchdog Timer Reset Flag bit
1
= A Watchdog Timer Reset has not occurred or set to ‘1’ by firmware
0
= A Watchdog Timer Reset has occurred (cleared by hardware)
bit 3
RMCLR:
MCLR Reset Flag bit
1
= A MCLR Reset has not occurred or set to ‘1’ by firmware
0
= A MCLR Reset has occurred (cleared by hardware)
bit 2
RI: RESET
Instruction Flag bit
1
= A RESET instruction has not been executed or set to ‘1’ by firmware
0
= A RESET instruction has been executed (cleared by hardware)
bit 1
POR:
Power-on Reset Status bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOR:
Brown-out Reset Status bit
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set in software after a Power-on Reset or Brown-out Reset occurs)
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
BORCON SBOREN
BORRDY
62
PCON0
STKOVF
STKUNF
—RWDT
RMCLR
RI
POR
BOR
63
STATUS
—TO
PD
Z
DC
C
21
WDTCON
WDTPS<4:0>
SWDTEN
107
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by Resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com