Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 62 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 62 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 58Page - Microchip Technology PIC16F18345 Datasheet HTML 59Page - Microchip Technology PIC16F18345 Datasheet HTML 60Page - Microchip Technology PIC16F18345 Datasheet HTML 61Page - Microchip Technology PIC16F18345 Datasheet HTML 62Page - Microchip Technology PIC16F18345 Datasheet HTML 63Page - Microchip Technology PIC16F18345 Datasheet HTML 64Page - Microchip Technology PIC16F18345 Datasheet HTML 65Page - Microchip Technology PIC16F18345 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 62
Preliminary
 2015 Microchip Technology Inc.
5.12
Power Control (PCON) Register
The Power Control (PCON) register contains flag bits
to differentiate between a:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• RESET Instruction Reset (RI)
•MCLR Reset (RMCLR)
• Watchdog Timer Reset (RWDT)
• Stack Underflow Reset (STKUNF)
• Stack Overflow Reset (STKOVF)
The PCON0 register bits are shown in Register 5-2.
Hardware will change the corresponding register bit
during the reset process; if the Reset was not caused
by the condition, the bit remains unchanged
(Table 5-4).
Software should reset the bit to the inactive state after
the restart (hardware will not reset the bit).
Software may also set any PCON bit to the active state,
so that user code may be tested, but no reset action will
be generated.
REGISTER 5-1:
BORCON: BROWN-OUT RESET CONTROL REGISTER
R/W-1/u
R/W-0/0
U-0
U-0
U-0
U-0
U-0
R-q/u
SBOREN(1)
Reserved
—BORRDY
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
SBOREN:
Software Brown-out Reset Enable bit(1)
If BOREN <1:0> in Configuration Words
 01:
SBOREN is read/write, but has no effect on the BOR.
If BOREN <1:0> in Configuration Words = 01:
1
= BOR Enabled
0
= BOR Disabled
bit 6
Reserved.
bit 5-1
Unimplemented:
Read as ‘0’’.
bit 0
BORRDY:
Brown-out Reset Circuit Ready Status bit
1
= The Brown-out Reset circuit is active
0
= The Brown-out Reset circuit is inactive
Note 1:
BOREN<1:0> bits are located in Configuration Words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com