Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 50 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 50 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 46Page - Microchip Technology PIC16F18345 Datasheet HTML 47Page - Microchip Technology PIC16F18345 Datasheet HTML 48Page - Microchip Technology PIC16F18345 Datasheet HTML 49Page - Microchip Technology PIC16F18345 Datasheet HTML 50Page - Microchip Technology PIC16F18345 Datasheet HTML 51Page - Microchip Technology PIC16F18345 Datasheet HTML 52Page - Microchip Technology PIC16F18345 Datasheet HTML 53Page - Microchip Technology PIC16F18345 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 50
Preliminary
 2015 Microchip Technology Inc.
4.2
Register Definitions: Configuration Words
REGISTER 4-1:
CONFIGURATION WORD 1: OSCILLATORS
R/P-1
U-1
R/P-1
U-1
U-1
R/P-1
FCMEN
CSWEN
—CLKOUTEN
bit 13
bit 8
U-1
R/P-1
R/P-1
R/P-1
U-1
R/P-1
R/P-1
R/P-1
RSTOSC2
RSTOSC1
RSTOSC0
FEXTOSC2
FEXTOSC1
FEXTOSC0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘1’
‘0’ = Bit is cleared
‘1’ = Bit is
set
n = Value when blank or after Bulk Erase
bit 13
FCMEN:
Fail-Safe Clock Monitor Enable bit
1 = ON
FSCM timer enabled
0 = OFF
FSCM timer disabled
bit 12
Unimplemented:
Read as ‘1’
bit 11
CSWEN:
Clock Switch Enable bit
1 = ON
Writing to NOSC and NDIV is allowed
0 = OFF
The NOSC and NDIV bits cannot be changed by user software
bit 10-9
Unimplemented:
Read as ‘1’
bit 8
CLKOUTEN:
Clock Out Enable bit
If FEXTOSC = EC, HS, HT or LP, then this bit is ignored; otherwise:
1 = OFF
CLKOUT function is disabled; I/O or oscillator function on OSC2
0 = ON
CLKOUT function is enabled; FOSC/4 clock appears at OSC2
Otherwise
This bit is ignored.
bit 7
Unimplemented:
Read as ‘1’
bit 6-4
RSTOSC<2:0>:
Power-up Default Value for COSC bits
This value is the Reset default value for COSC, and selects the oscillator first used by user software
111 = EXT1X
EXTOSC operating per FEXTOSC<2:0> bits
110 = HFINT1
HFINTOSC (1 MHz)
101 =
Reserved
100 = LFINT
LFINTOSC
011 = SOSC
SOSC (32.768 kHz)
010 =
Reserved
001 = EXT4X
EXTOSC with 4x PLL; EXTOSC operating per FEXTOSC bits
000 = HFINT32
HFINTOSC (32 MHz)
bit 3
Unimplemented:
Read as ‘1’
bit 2-0
FEXTOSC<2:0>:
FEXTOSC External Oscillator mode Selection bits
111 = ECH
EC(External Clock) above 8 MHz
110 = ECM
EC(External Clock) for 100 kHz to 8 MHz
101 = ECL
EC(External Clock) below 100 kHz
100 = OFF
Oscillator not enabled
011 =
Unimplemented
010 = HS
HS(Crystal oscillator) above 8 MHz
001 = XT
HT(Crystal oscillator) above 100 kHz, below 8 MHz
000 = LP
LP(Crystal oscillator) optimized for 32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com