Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 61 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 61 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 57Page - Microchip Technology PIC16F18345 Datasheet HTML 58Page - Microchip Technology PIC16F18345 Datasheet HTML 59Page - Microchip Technology PIC16F18345 Datasheet HTML 60Page - Microchip Technology PIC16F18345 Datasheet HTML 61Page - Microchip Technology PIC16F18345 Datasheet HTML 62Page - Microchip Technology PIC16F18345 Datasheet HTML 63Page - Microchip Technology PIC16F18345 Datasheet HTML 64Page - Microchip Technology PIC16F18345 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 61
PIC16(L)F18313/18323
5.11
Determining the Cause of a Reset
Upon any Reset, multiple bits in the STATUS and
PCON registers are updated to indicate the cause of
the Reset. Table 5-3 and Table 5-4 show the Reset
conditions of these registers.
TABLE 5-3:
RESET STATUS BITS AND THEIR SIGNIFICANCE
TABLE 5-4:
RESET CONDITION FOR SPECIAL REGISTERS
STKOVF STKUNF RWDT
RMCLR
RI
POR
BOR
TO
PD
Condition
0
0
1
1
10
x1
1
Power-on Reset
0
0
1
1
10
x0
x
Illegal, TO is set on POR
0
0
1
1
10
xx
0
Illegal, PD is set on POR
0
0
u
1
1u
01
1
Brown-out Reset
u
u
0
u
uu
u0
u
WDT Reset
u
u
u
u
uu
u0
0
WDT Wake-up from Sleep
u
u
u
u
uu
u1
0
Interrupt Wake-up from Sleep
u
u
u
0
uu
uu
u
MCLR Reset during normal operation
u
u
u
0
uu
u1
0
MCLR Reset during Sleep
u
u
u
u
0
u
u
u
u
RESET
Instruction Executed
1
u
u
u
uu
uu
u
Stack Overflow Reset (STVREN = 1)
u
1
u
u
uu
uu
u
Stack Underflow Reset (STVREN = 1)
Condition
Program
Counter
STATUS
Register
PCON0
Register
Power-on Reset
0000h
---1 1000
00-- 110x
MCLR Reset during normal operation
0000h
---u uuuu
uu-- 0uuu
MCLR Reset during Sleep
0000h
---1 0uuu
uu-- 0uuu
WDT Reset
0000h
---0 uuuu
uu-0 uuuu
WDT Wake-up from Sleep
PC + 1
---0 0uuu
uu-u uuuu
Brown-out Reset
0000h
---1 1000
00-1 11u0
Interrupt Wake-up from Sleep
PC + 1(1)
---1 0uuu
uu-u uuuu
RESET
Instruction Executed
0000h
---u uuuu
uu-u u0uu
Stack Overflow Reset (STVREN = 1)
0000h
---u uuuu
1u-u uuuu
Stack Underflow Reset (STVREN = 1)
0000h
---u uuuu
u1-u uuuu
Legend: u
= unchanged, x = unknown, - = unimplemented bit, reads as ‘0’.
Note 1:
When the wake-up is due to an interrupt and Global Enable bit (GIE) is set, the return address is pushed on
the stack and PC is loaded with the interrupt vector (0004h) after execution of PC + 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com