Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 75 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 75 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 71Page - Microchip Technology PIC16F18345 Datasheet HTML 72Page - Microchip Technology PIC16F18345 Datasheet HTML 73Page - Microchip Technology PIC16F18345 Datasheet HTML 74Page - Microchip Technology PIC16F18345 Datasheet HTML 75Page - Microchip Technology PIC16F18345 Datasheet HTML 76Page - Microchip Technology PIC16F18345 Datasheet HTML 77Page - Microchip Technology PIC16F18345 Datasheet HTML 78Page - Microchip Technology PIC16F18345 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 75
PIC16(L)F18313/18323
6.5
Register Definitions: Oscillator Control
REGISTER 6-1:
OSCCON1: OSCILLATOR CONTROL REGISTER1
U-0
R/W-f/f(1)
R/W-f/f(1)
R/W-f/f(1)
R/W-q/q
R/W-q/q
R/W-q/q
R/W-q/q
NOSC<2:0>(2,3)
NDIV<3:0>(2,3,4)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
f = determined by fuse setting
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
NOSC<2:0>:
New Oscillator Source Request bits
The setting requests a source oscillator and PLL combination per Table 6-1.
POR value = RSTOSC (Register 4-1).
bit 3-0
NDIV<3:0>:
New Divider Selection Request bits
The setting determines the new postscaler division ratio per Table 6-2.
Note 1:
The default value (f/f) is set equal to the RSTOSC Configuration bits.
2:
If NOSC is written with a reserved value (Table 6-1), the HFINTOSC will be automatically selected as the clock source.
3:
When CSWEN = 0, this register is read-only and cannot be changed from the POR value.
4:
When RSTOSC = 110 (HFINTOSC 1 MHz), the NDIV bits will default to ‘0010’ upon Reset; for all other NOSC settings
the NDIV bits will default to ‘0000’ upon Reset.
REGISTER 6-2:
OSCCON2: OSCILLATOR CONTROL REGISTER 2
U-0
R-q/q(1)
R-q/q(1)
R-q/q(1)
R-q/q(1)
R-q/q(1)
R-q/q(1)
R-q/q(1)
COSC<2:0>
CDIV<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
Unimplemented:
Read as ‘0’
bit 6-4
COSC<2:0>:
Current Oscillator Source Select bits (read-only)
Indicates the current source oscillator and PLL combination per Table 6-1.
bit 3-0
CDIV<3:0>:
Current Divider Select bits (read-only)
Indicates the current postscaler division ratio per Table 6-2.
Note
1:
The Reset value (n/n) will match the NOSC<2:0>/NDIV<3:0> bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com