Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 12 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 12 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 8Page - Microchip Technology PIC16F18345 Datasheet HTML 9Page - Microchip Technology PIC16F18345 Datasheet HTML 10Page - Microchip Technology PIC16F18345 Datasheet HTML 11Page - Microchip Technology PIC16F18345 Datasheet HTML 12Page - Microchip Technology PIC16F18345 Datasheet HTML 13Page - Microchip Technology PIC16F18345 Datasheet HTML 14Page - Microchip Technology PIC16F18345 Datasheet HTML 15Page - Microchip Technology PIC16F18345 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 12
Preliminary
 2015 Microchip Technology Inc.
RA4/ANA4/C1IN1-/T1G(1)/
SOSCO/OSC2/CLKOUT
RA4
TTL/ST
CMOS
General purpose I/O.
ANA4
AN
ADC Channel A4 input.
C1IN1-
AN
Comparator C1 negative input.
T1G
TTL/ST
Timer1 gate input.
SOSCO
XTAL
Secondary Oscillator Connection.
OSC2
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
CMOS
FOSC/4 output.
RA5/ANA5/MDCIN2(1)/T1CKI(1)/
SOSCIN/SOSCI/CLCIN1(1)/
CCP1(1)/CCP2(2)/OSC1/CLKIN
RA5
TTL/ST
CMOS
General purpose I/O.
ANA5
AN
ADC Channel A5 input.
MDCIN2
TTL/ST
Modular Carrier input 2.
T1CKI
TTL/ST
Timer1 clock input.
SOSCIN
TTL/ST
Secondary Oscillator Input Connection.
SOSCI
XTAL
Secondary Oscillator Connection.
CLCIN1
TTL/ST
Configurable Logic Cell source input.
CCP1
TTL/ST
CMOS
Capture/Compare/PWM1 input.
CCP2
TTL/ST
CMOS
Capture/Compare/PWM2 input.
OSC1
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKIN
TTL/ST
External clock input.
OUT(2)
C1OUT
CMOS
Comparator output.
NCO1
CMOS
NCO output.
CCP1
CMOS
Capture/Compare/PWM1 output.
CCP2
CMOS
Capture/Compare/PWM2 output.
PWM5
CMOS
PWM5 output.
PWM6
CMOS
PWM6 output.
CWG1A
CMOS
Complementary Waveform Generator Output A.
CWG1B
CMOS
Complementary Waveform Generator Output B.
CWG1C
CMOS
Complementary Waveform Generator Output C.
CWG1D
CMOS
Complementary Waveform Generator Output D.
SDA(3)
—OD
I2C™ data input/output.
SDO
CMOS
SPI data output.
SCK
CMOS
SPI clock output.
SCL(3)
—OD
I2C™ clock output.
TX/CK
CMOS
EUSART asynchronous TX data/synchronous clock
output.
DT
CMOS
EUSART synchronous data output.
CLC1OUT
CMOS
Configurable Logic Cell 1 source output.
CLC2OUT
CMOS
Configurable Logic Cell 2 source output.
DSM
CMOS
Modulator output.
TMR0
CMOS
TMR0 output.
CLKR
CMOS
Clock reference output.
TABLE 1-2:
PIC16(L)F18313 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend:
AN = Analog input or output
CMOS = CMOS compatible input or output
OD = Open-Drain
TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I2C™ = Schmitt Trigger input with I2C™
HV = High Voltage
XTAL = Crystal levels
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 12-1.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output
selection registers. See Register 12-2.
3:
These I2C™ functions are bidirectional. The output pin selections must be the same as the input pin selections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com