Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 57 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 53Page - Microchip Technology PIC16F18345 Datasheet HTML 54Page - Microchip Technology PIC16F18345 Datasheet HTML 55Page - Microchip Technology PIC16F18345 Datasheet HTML 56Page - Microchip Technology PIC16F18345 Datasheet HTML 57Page - Microchip Technology PIC16F18345 Datasheet HTML 58Page - Microchip Technology PIC16F18345 Datasheet HTML 59Page - Microchip Technology PIC16F18345 Datasheet HTML 60Page - Microchip Technology PIC16F18345 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 57
PIC16(L)F18313/18323
5.1
Power-On Reset (POR)
The POR circuit holds the device in Reset until VDD has
reached an acceptable level for minimum operation.
Slow rising VDD, fast operating speeds or analog
performance may require greater than minimum VDD.
The PWRT, BOR or MCLR features can be used to
extend the start-up period until all device operation
conditions have been met.
5.2
Brown-Out Reset (BOR)
The BOR circuit holds the device in Reset while VDD is
below a selectable minimum level. Between the POR
and BOR, complete voltage range coverage for execu-
tion protection can be implemented.
The Brown-out Reset module has four operating
modes controlled by the BOREN<1:0> bits in
Configuration Words. The four operating modes are:
• BOR is always on
• BOR is off when in Sleep
• BOR is controlled by software
• BOR is always off
Refer to Table 5-1 for more information.
The Brown-out Reset voltage level is selectable by
configuring the BORV bit in Configuration Words.
A VDD noise rejection filter prevents the BOR from
triggering on small events. If VDD falls below VBOR for
a duration greater than parameter TBORDC, the device
will reset. See Figure 5-2 for more information.
TABLE 5-1:
BOR OPERATING MODES
BOREN<1:0>
SBOREN
Device Mode
BOR Mode
Instruction Execution upon:
Release of POR or Wake-up from Sleep
11
X
X
Active
Wait for release of BOR(1) (BORRDY = 1)
10
X
Awake
Active
Wait for release of BOR (BORRDY = 1)
Sleep
Disabled
BOR ignored when asleep
01
1
X
Active
Waits for release of BOR (BORRDY = 1)
0
XDisabled
Begins immediately (BORRDY = x)
00
X
XDisabled
Note 1:
In these specific cases, “Release of POR” and “Wake-up from Sleep”, there is no delay in start-up. The BOR
ready flag, (BORRDY = 1), will be set before the CPU is ready to execute instructions because the BOR
circuit is forced on by the BOREN<1:0> bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com