Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 40 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 40 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 36Page - Microchip Technology PIC16F18345 Datasheet HTML 37Page - Microchip Technology PIC16F18345 Datasheet HTML 38Page - Microchip Technology PIC16F18345 Datasheet HTML 39Page - Microchip Technology PIC16F18345 Datasheet HTML 40Page - Microchip Technology PIC16F18345 Datasheet HTML 41Page - Microchip Technology PIC16F18345 Datasheet HTML 42Page - Microchip Technology PIC16F18345 Datasheet HTML 43Page - Microchip Technology PIC16F18345 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 442 page
background image
Bank 30
CPU CORE REGISTERS; see Table 3-2 for specifics
F0Ch
Unimplemented
F0Dh
Unimplemented
F0Eh
Unimplemented
F0Fh
CLCDATA
MLC2OUT
MLC1OUT
---- --00
---- --00
F10h
CLC1CON
LC1EN
LC1OUT
LC1INPT
LC1INTN
LC1MODE<2:0>
0-00 0000
0-00 0000
F11h
CLC1POL
LC1POL
LC1G4POL
LC1G3POL
LC1G2POL
LC1G1POL
0--- xxxx
0--- uuuu
F12h
CLC1SEL0
LC1D1S<4:0>
---x xxxx
---u uuuu
F13h
CLC1SEL1
LC1D2S<4:0>
---x xxxx
---u uuuu
F14h
CLC1SEL2
LC1D3S<4:0>
---x xxxx
---u uuuu
F15h
CLC1SEL3
LC1D4S<4:0>
---x xxxx
---u uuuu
F16h
CLC1GLS0
LC1G1D4T
LC1G1D4N
LC1G1D3T
LC1G1D3N
LC1G1D2T
LC1G1D2N
LC1G1D1T
LC1G1D1N
xxxx xxxx
uuuu uuuu
F17h
CLC1GLS1
LC1G2D4T
LC1G2D4N
LC1G2D3T
LC1G2D3N
LC1G2D2T
LC1G2D2N
LC1G2D1T
LC1G2D1N
xxxx xxxx
uuuu uuuu
F18h
CLC1GLS2
LC1G3D4T
LC1G3D4N
LC1G3D3T
LC1G3D3N
LC1G3D2T
LC1G3D2N
LC1G3D1T
LC1G3D1N
xxxx xxxx
uuuu uuuu
F19h
CLC1GLS3
LC1G4D4T
LC1G4D4N
LC1G4D3T
LC1G4D3N
LC1G4D2T
LC1G4D2N
LC1G4D1T
LC1G4D1N
xxxx xxxx
uuuu uuuu
F1Ah
CLC2CON
LC2EN
LC2OUT
LC2INPT
LC2INTN
LC2MODE<2:0>
0-00 0000
0-00 0000
F1Bh
CLC2POL
LC2POL
LC2G4POL
LC2G3POL
LC2G2POL
LC2G1POL
0--- xxxx
0--- uuuu
F1Ch
CLC2SEL0
LC2D1S<4:0>
---x xxxx
---u uuuu
F1Dh
CLC2SEL1
LC2D2S<4:0>
---x xxxx
---u uuuu
F1Eh
CLC2SEL2
LC2D3S<4:0>
---x xxxx
---u uuuu
F1Fh
CLC2SEL3
LC2D4S<4:0>
---x xxxx
---u uuuu
F20h
CLC2GLS0
LC2G1D4T
LC2G1D4N
LC2G1D3T
LC2G1D3N
LC2G1D2T
LC2G1D2N
LC2G1D1T
LC2G1D1N
xxxx xxxx
uuuu uuuu
F21h
CLC2GLS1
LC2G2D4T
LC2G2D4N
LC2G2D3T
LC2G2D3N
LC2G2D2T
LC2G2D2N
LC2G2D1T
LC2G2D1N
xxxx xxxx
uuuu uuuu
F22h
CLC2GLS2
LC2G3D4T
LC2G3D4N
LC2G3D3T
LC2G3D3N
LC2G3D2T
LC2G3D2N
LC2G3D1T
LC2G3D1N
xxxx xxxx
uuuu uuuu
F23h
CLC2GLS3
LC2G4D4T
LC2G4D4N
LC2G4D3T
LC2G4D3N
LC2G4D2T
LC2G4D2N
LC2G4D1T
LC2G4D1N
xxxx xxxx
uuuu uuuu
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com