Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 1 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 1 Page - Microchip Technology

  PIC16F18345 Datasheet HTML 1Page - Microchip Technology PIC16F18345 Datasheet HTML 2Page - Microchip Technology PIC16F18345 Datasheet HTML 3Page - Microchip Technology PIC16F18345 Datasheet HTML 4Page - Microchip Technology PIC16F18345 Datasheet HTML 5Page - Microchip Technology PIC16F18345 Datasheet HTML 6Page - Microchip Technology PIC16F18345 Datasheet HTML 7Page - Microchip Technology PIC16F18345 Datasheet HTML 8Page - Microchip Technology PIC16F18345 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 442 page
background image
 2015 Microchip Technology Inc.
Preliminary
DS40001799A-page 1
PIC16(L)F18313/18323
Description
PIC16(L)F18313/18323 microcontrollers feature Analog, Core Independent Peripherals and Communication
Peripherals, combined with eXtreme Low Power (XLP) for wide range of general purpose and low-power applications.
The Peripheral Pin Select (PPS) functionality enables pin mapping when using the digital peripherals (CLC, CWG,
CCP, PWM and communications) to add flexibility to the application design.
Core Features
• C Compiler Optimized RISC Architecture
• Only 49 Instructions
• Operating Speed:
- DC – 32 MHz clock input
- 125 ns minimum instruction cycle
• Interrupt Capability
• 16-Level Deep Hardware Stack
• Two 8-bit Timers
• One 16-bit Timer
• Low-Current Power-on Reset (POR)
• Configurable Power-up Timer (PWRTE)
• Brown-out Reset (BOR) with Fast Recovery
• Low-Power BOR (LPBOR) Option
• Extended Watchdog Timer (WDT) with Dedicated
On-chip Oscillator for Reliable Operation
• Programmable Code Protection
Memory
• 3.5 KB Flash Program Memory
• 256B Data SRAM Memory
• 256B of EEPROM
• Direct, Indirect and Relative Addressing Modes
Operating Characteristics
• Operating Voltage Range:
- 1.8V to 3.6V (PIC16LF18313/18323)
- 2.3V to 5.5V (PIC16F18313/18323)
• Temperature Range:
- Industrial: -40°C to 85°C
- Extended: -40°C to 125°C
eXtreme Low-Power (XLP) Features
• Sleep mode: 40 nA @ 1.8V, typical
• Watchdog Timer: 250 nA @ 1.8V, typical
• Secondary Oscillator: 300 nA @ 32 kHz
• Operating Current:
- 8 uA @ 32 kHz, 1.8V, typical
- 37 uA/MHz @ 1.8V, typical
Power-Saving Operating Modes
• IDLE: Ability to put the CPU core to Sleep while
internal peripherals continue operating from the
system clock
• DOZE: Ability to run the CPU core slower than the
system clock used by the internal peripherals
• SLEEP: Lowest Power Consumption
• Peripheral Module Disable (PMD): Peripheral
power disable hardware module to minimize
power consumption of unused peripherals
Digital Peripherals
• Configurable Logic Cell (CLC):
- Two CLCs
- Integrated combinational and sequential logic
• Complementary Waveform Generator (CWG):
- Rising and falling edge dead-band control
- Full-bridge, half-bridge, 1-channel drive
- Multiple signal sources
• Capture/Compare/PWM (CCP) modules:
- Two CCPs
- 16-bit resolution for Capture/Compare modes
- 10-bit resolution for PWM mode
• Pulse-Width Modulators:
-Two 10-bit PWMs
• Numerically Controlled Oscillator (NCO):
- Precision linear frequency generator(@50%
duty cycle) with 0.0001% step size of source
input clock
- Input Clock: 0 Hz < F
NCO < 32 MHz
- Resolution: F
NCO/2
20
• Serial Communications:
- EUSART
- RS-232, RS-485, LIN compatible
- Auto-baud detect, Auto-wake-up on start
- Master Synchronous Serial Port (MSSP)
- SPI
-I2C™, SMBus, PMBus™ compatible
• Data Signal Modulator (DSM):
- Modulates a carrier signal with digital data to
create custom carrier synchronized output
waveforms
Full-Featured, Low Pin Count Microcontrollers with XLP


Numéro de pièce similaire - PIC16F18345

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
PIC16F18345 MICROCHIP-PIC16F18345 Datasheet
1Mb / 2P
17 channel 10-bit Analog-to-Digital Converter (ADC)
10/15
PIC16F18345-I/P MICROCHIP-PIC16F18345-I/P Datasheet
9Mb / 471P
Full-Featured, Low Pin Count Microcontrollers with XLP
06/23/16
PIC16F18345-I/SO MICROCHIP-PIC16F18345-I/SO Datasheet
9Mb / 471P
Full-Featured, Low Pin Count Microcontrollers with XLP
06/23/16
PIC16F18345-I/SS MICROCHIP-PIC16F18345-I/SS Datasheet
9Mb / 471P
Full-Featured, Low Pin Count Microcontrollers with XLP
06/23/16
More results

Description similaire - PIC16F18345

FabricantNo de pièceFiches techniqueDescription
logo
fujitsu semiconductor
MB95200 FUJITSU-MB95200 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
logo
Microchip Technology
PIC16F18426 MICROCHIP-PIC16F18426 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18455 MICROCHIP-PIC16F18455 Datasheet
8Mb / 706P
28-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18857 MICROCHIP-PIC16F18857 Datasheet
7Mb / 668P
Full-Featured 28/40/44-Pin Microcontrollers
02/28/20
PIC16F19195 MICROCHIP-PIC16F19195 Datasheet
9Mb / 731P
Full-Featured 64-Pin Microcontrollers
05/14/19
PIC16F15325 MICROCHIP-PIC16F15325 Datasheet
6Mb / 558P
Full-Featured 14/16/20-Pin Microcontrollers
08/15/18
PIC16F15354 MICROCHIP-PIC16F15354 Datasheet
5Mb / 538P
Full-Featured 28-Pin Microcontrollers
10/25/17
PIC16F18424 MICROCHIP-PIC16F18424 Datasheet
10Mb / 707P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F18425 MICROCHIP-PIC16F18425 Datasheet
10Mb / 708P
14/20-Pin Full-Featured, Low Pin Count Microcontrollers with XLP
2019
PIC16F1614 MICROCHIP-PIC16F1614 Datasheet
415Kb / 19P
Full-Featured, Low Pin Count, High-Temperature Microcontrollers
Revision A 2/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com