Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 6 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 2Page - Microchip Technology PIC16F18345 Datasheet HTML 3Page - Microchip Technology PIC16F18345 Datasheet HTML 4Page - Microchip Technology PIC16F18345 Datasheet HTML 5Page - Microchip Technology PIC16F18345 Datasheet HTML 6Page - Microchip Technology PIC16F18345 Datasheet HTML 7Page - Microchip Technology PIC16F18345 Datasheet HTML 8Page - Microchip Technology PIC16F18345 Datasheet HTML 9Page - Microchip Technology PIC16F18345 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 442 page
background image
TABLE 2:
14/16-PIN ALLOCATION TABLE (PIC16(L)F18323)
RA0
13
12
ANA0
C1IN0+
DAC1OUT
IOC
Y
ICDDAT/
ICSPDAT
RA1
12
11
ANA1 VREF+C1IN0-
C2IN0-
DAC1REF+
——
IOC
Y
ICDCLK/
ICSPCLK
RA2
11
10
ANA2
VREF-
DAC1REF-
T0CKI(1)
CWG1IN(1)
INT(1)
IOC
Y
RA3
4
3
——
IOC
Y
MCLR
VPP
RA4
3
2
ANA4
T1G(1)
SOSCO
IOC
Y
CLKOUT
OSC2
RA5
2
1
ANA5
——
T1CKI(1)
SOSCIN
SOSCI
——
CLCIN3(1)
IOC
Y
CLKIN
OSC1
RC0
10
9
ANC0
C2IN0+
SCK(1)
SCL(1,3,4)
IOC
Y
RC1
9
8
ANC1
C1IN1-
C2IN1-
——
SDI(1)
SDA(1,3,4)
CLCIN2(1)
IOC
Y
RC2
8
7
ANC2
C1IN2-
C2IN2-
MDCIN1(1)
IOC
Y
RC3
7
6
ANC3
C1IN3-
C2IN3-
——
MDMIN(1)
CCP2(1)
——
SS(1)
CLCIN0(1)
IOC
Y
RC4
6
5
ANC4
CLCIN1(1)
IOC
Y
RC5
5
4
ANC5
——
MDCIN2(1)
CCP1(1)
——
RX(1)
DT(1,3)
——
IOC
Y
VDD
1
16
VDD
VSS
14
13
——
VSS
OUT(2)
C1OUT
NCO
DSM
TMR0
CCP1
PWM5
CWG1A
SDA(3)
CK
CLC1OUT CLKR
———
C2OUT
——
CCP2
PWM6
CWG1B
SCL(3)
DT(3)
CLC2OUT
——
CWG1C
SDO
TX
———
CWG1D
SCK
——
Note
1:
Default peripheral input. Input can be moved to any other pin with the PPS input selection registers. See Register 12-1.
2:
All pin outputs default to PORT latch data. Any pin can be selected as a digital peripheral output with the PPS output selection registers. See Register 12-3.
3:
These peripheral functions are bidirectional. The output pin selections must be the same as the input pin selections.
4:
These pins are configured for I2C™ logic levels as described in Section 12.3 “Bidirectional Pins”; clock and data signals may be assigned to any of these pins. Assignments to other pins (e.g. RA5) will
operate, but logic levels will be standard TTL/ST as selected by the INLVL register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com