Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 394 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 394 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 390Page - Microchip Technology PIC16F18345 Datasheet HTML 391Page - Microchip Technology PIC16F18345 Datasheet HTML 392Page - Microchip Technology PIC16F18345 Datasheet HTML 393Page - Microchip Technology PIC16F18345 Datasheet HTML 394Page - Microchip Technology PIC16F18345 Datasheet HTML 395Page - Microchip Technology PIC16F18345 Datasheet HTML 396Page - Microchip Technology PIC16F18345 Datasheet HTML 397Page - Microchip Technology PIC16F18345 Datasheet HTML 398Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 442 page
background image
PIC16(L)F18313/18323
DS40001799A-page 394
Preliminary
 2015 Microchip Technology Inc.
TABLE 34-9:
PLL SPECIFICATIONS
Standard Operating Conditions (unless otherwise stated) VDD
2.5V
Param
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units Conditions
PLL01
FPLLIN
PLL Input Frequency Range
4
8
MHz
PLL02
FPLLOUT PLL Output Frequency Range
16
32
MHz
PLL03
TPLLST
PLL Lock Time from Start-up
0.15
2
ms
PLL04
FPLLJIT
PLL Output Frequency Stability (Jitter)
-0.25
0.25
%
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25
C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com