Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F18345 Fiches technique(PDF) 35 Page - Microchip Technology

No de pièce PIC16F18345
Description  Full-Featured, Low Pin Count Microcontrollers with XLP
PDF  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18345 Fiches technique(HTML) 35 Page - Microchip Technology

Back Button PIC16F18345 Datasheet HTML 31Page - Microchip Technology PIC16F18345 Datasheet HTML 32Page - Microchip Technology PIC16F18345 Datasheet HTML 33Page - Microchip Technology PIC16F18345 Datasheet HTML 34Page - Microchip Technology PIC16F18345 Datasheet HTML 35Page - Microchip Technology PIC16F18345 Datasheet HTML 36Page - Microchip Technology PIC16F18345 Datasheet HTML 37Page - Microchip Technology PIC16F18345 Datasheet HTML 38Page - Microchip Technology PIC16F18345 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 442 page
background image
Bank 18
CPU CORE REGISTERS; see Table 3-2 for specifics
90Ch
Unimplemented
90Dh
Unimplemented
90Eh
Unimplemented
90Fh
Unimplemented
910h
Unimplemented
911h
PMD0
SYSCMD
FVRMD
NVMMD
CLKRMD
IOCMD
00-- -000
00-- -000
912h
PMD1
NCOMD
TMR2MD
TMR1MD
TMR0MD
0--- -000
0--- -000
913h
PMD2
X
DACMD
ADCMD
CMP1MD
-00- --0-
-00- --0-
X
DACMD
ADCMD
CMP2MD
CMP1MD
-00- -00-
-00- -00-
914h
PMD3
CWG1MD
PWM6MD
PWM5MD
CCP2MD
CCP1MD
-000 --00
-000 --00
915h
PMD4
UART1MD
MSSP1MD
--0- --0-
--0- --0-
916h
PMD5
CLC2MD
CLC1MD
DSMMD
---- -000
---- -000
917h
Unimplemented
918h
CPUDOZE
IDLEN
DOZEN
ROI
DOE
DOZE<2:0>
000- -000
000- -000
919h
OSCCON1
NOSC<2:0>
NDIV<3:0>
-qqq 0000
-qqq 0000
91Ah
OSCCON2
COSC<2:0>
CDIV<3:0>
-qqq 0000
-qqq 0000
91Bh
OSCCON3
CSWHOLD
SOSCPWR
SOSCBE
ORDY
NOSCR
0000 0---
0000 0---
91Ch
OSCSTAT1
EXTOR
HFOR
LFOR
SOR
ADOR
PLLR
qq-q qq-q
qq-q qq-q
91Dh
OSCEN
EXTOEN
HFOEN
LFOEN
SOSCEN
ADOEN
00-0 00--
00-0 00--
91Eh
OSCTUNE
HFTUN<5:0>
--10 0000
--10 0000
91Fh
OSCFRQ
HFFRQ<2:0>
---- -qqq
---- -qqq
TABLE 3-4:
SPECIAL FUNCTION REGISTER SUMMARY BANKS 0-31 (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other Resets
Legend:
x
= unknown, u = unchanged, q =depends on condition, - = unimplemented, read as ‘0’, r = reserved. Shaded locations unimplemented, read as ‘0’.
Note
1:
Only on PIC16F18313/18323.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com